Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4069AUB Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4069AUB
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4069AUB Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4069AUB Datasheet HTML 5Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 6Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 7Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 8Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 9Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 10Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 11Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 12Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
_______________________________________________________________________________________
9
MAX4069
RS+
RS-
GSEL
SHDN
2.7V TO 24V
VCC
OUT
TO ADC
R1
R2
SHUTDOWN
GAIN SELECT
RSENSE
LOAD
FROM BATTERY
CHARGER
REFOUT
OA
ADJ
GND
VREF
1.23V
CSA
Functional Diagram
Pin Description
PIN
MAX4069
MAX4070/
MAX4071
MAX4072
NAME
FUNCTION
11
1
SHDN
Shutdown Input. Drive SHDN low to select shutdown mode. Connect SHDN
to VCC for normal operation.
2
2
2
RS-
Negative Connection to the External Sense Resistor
3
3
3
RS+
Positive Connection to the External Sense Resistor
4
N.C.
No Connection. Not internally connected.
5
4
4
GND
Ground. For thin QFN packages, also make an external connection from
GND to the under-side exposed paddle.
6
ADJ
Adjustable Output Voltage Feedback Input. Connect a resistor-divider
between REFOUT, ADJ, and GND (MAX4069 only, see Functional Diagram).
7
5
REFOUT
Reference Output Voltage (MAX4069/MAX4070/MAX4071)
8
6
6
OUT
Voltage Output. The difference voltage, VOUT - VREF, is proportional to
the voltage difference between RS+ and RS- and indicates the correct
polarity.
97
7
VCC
Supply Voltage Input. Bypass VCC to GND with a 0.1µF capacitor.
10
8
8
GSEL
Gain-Setting Input. Connect GSEL low to select gain = 50V/V, or connect
GSEL high to select gain = 100V/V.
5
REFIN
Reference Input Voltage (MAX4072)


Similar Part No. - MAX4069AUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069AUB MAXIM-MAX4069AUB Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069AUB++ MAXIM-MAX4069AUB+ Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results

Similar Description - MAX4069AUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 2 - February 2020
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com