Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4069AUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4069AUB
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4069AUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4069AUB Datasheet HTML 1Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 2Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 3Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 4Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 5Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 6Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 7Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 8Page - Maxim Integrated Products MAX4069AUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VRS+ = VRS- = VCC = 2.7V to 24V, VSENSE = VRS+ - VRS- = 0V, IREFOUT = 0, VSHDN = VCC, VGSEL = GND, VREFIN = 2.5V (MAX4072),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C and at VCC = VRS+ = 12V.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, RS+, RS- to GND ...........................................-0.3V to +26V
OUT to GND ....................-0.3V to Lesser of (VCC + 0.3V) or 15V
Differential Input Voltage (VRS+ - VRS-) ..............................
±0.3V
GSEL, SHDN, REFOUT, REFIN
and ADJ to GND.....................................-0.3V to (VCC + 0.3V)
OUT Short-Circuit Duration to GND
or to Lesser of (VCC or 15V) ...................................Continuous
REFOUT Short Circuit to VCC or GND........................Continuous
Current into Any Pin ..........................................................
±20mA
Continuous Power Dissipation (TA = +70
°C)
8-Pin µMAX (derate 4.5 mW/
°C above +70°C) ............362mW
8-Pin Thin QFN (derate 24.4mW/
°C above +70°C) ...1951mW
10-Pin µMAX (derate 5.6 mW/
°C above +70°C) .......444.4mW
Operating Temperature Range .........................-40
°C to +125°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4069/MAX4071/MAX4072 (Note 4)
2.7
24
Operating Voltage Range
(Note 3)
VCC
MAX4070
3.6
24
V
TA = +25
°C
0.08
0.25
TA = -40
°C to +85°C
0.8
Input-Referred Offset Voltage
(Note 5)
VOS
VCC = VRS+ =
VRS- = 12V
TA = TMIN to TMAX
1
mV
Common-Mode Input Range
CMVR
Guaranteed by CMRR test
1.35
24
V
Common-Mode Rejection Ratio
CMRR
1.35V
≤ VRS+ = VRS- ≤ 24V, VCC = 12V
100
120
dB
Supply Current
ICC
VCC = VRS+ = VRS- = 24V, RL = open,
TA = TMIN to TMAX
100
250
µA
VCC = VRS+ = VRS- = 5.5V,
SHDN = GND, TA = +25
°C
9
Shutdown Supply Current
ICC SHDN
VCC = VRS+ = VRS- = 24V,
SHDN = GND
10
30
µA
Leakage Current
VRS+ = VRS- = 24V, VCC = 0V
0.1
0.5
µA
Input Bias Current
IRS+, IRS-
VCC = VRS+ = VRS- = 24V
0
2.4
5
µA
Gain = 50V/V
75
Recommended Full-Scale Sense
Voltage (Note 6)
VSENSE
Gain = 100V/V
50
mV


Similar Part No. - MAX4069AUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069AUB MAXIM-MAX4069AUB Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069AUB++ MAXIM-MAX4069AUB+ Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results

Similar Description - MAX4069AUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 2 - February 2020
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com