Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX630CJA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX630CJA
Description  CMOS Micropower Step-Up Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX630CJA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX630CJA Datasheet HTML 1Page - Maxim Integrated Products MAX630CJA Datasheet HTML 2Page - Maxim Integrated Products MAX630CJA Datasheet HTML 3Page - Maxim Integrated Products MAX630CJA Datasheet HTML 4Page - Maxim Integrated Products MAX630CJA Datasheet HTML 5Page - Maxim Integrated Products MAX630CJA Datasheet HTML 6Page - Maxim Integrated Products MAX630CJA Datasheet HTML 7Page - Maxim Integrated Products MAX630CJA Datasheet HTML 8Page - Maxim Integrated Products MAX630CJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Detailed Description
The operation of the MAX630 can best be understood
by examining the voltage regulating loop of Figure 1.
R1 and R2 divide the output voltage, which is com-
pared with the 1.3V internal reference by comparator
COMP1. When the output voltage is lower than desired,
the comparator output goes high and the oscillator out-
put pulses are passed through the NOR gate latch,
turning on the output N-channel MOSFET at pin 3, LX.
As long as the output voltage is less than the desired
voltage, pin 3 drives the inductor with a series of pulses
at the oscillator frequency.
Each time the output N-channel MOSFET is turned on,
the current through the external coil, L1, increases,
storing energy in the coil. Each time the output turns off,
the voltage across the coil reverses sign and the volt-
age at LX rises until the catch diode, D1, is forward
biased, delivering power to the output.
When the output voltage reaches the desired level,
1.31V x (1 + R1 / R2), the comparator output goes low
and the inductor is no longer pulsed. Current is then
supplied by the filter capacitor, C1, until the output volt-
age drops below the threshold, and once again LX is
switched on, repeating the cycle. The average duty
cycle at LX is directly proportional to the output current.
Output Driver (LX Pin)
The MAX630/MAX4193 output device is a large
N-channel MOSFET with an on-resistance of 4
Ω and a
peak current rating of 525mA. One well-known advan-
tage that MOSFETs have over bipolar transistors in
switching applications is higher speed, which reduces
switching losses and allows the use of smaller, lighter,
less costly magnetic components. Also important is that
MOSFETs, unlike bipolar transistors, do not require
base current that, in low-power DC-DC converters,
often accounts for a major portion of input power.
The operating current of the MAX630 and MAX4193
increases by approximately 1µA/kHz at maximum
power output due to the charging current required by
the gate capacitance of the LX output driver (e.g., 40µA
increase at a 40kHz operating frequency). In compari-
son, equivalent bipolar circuits typically drive their NPN
LX output device with 2mA of base drive, causing the
bipolar circuit’s operating current to increase by a fac-
tor of 10 between no load and full load.
Oscillator
The oscillator frequency is set by a single external, low-
cost ceramic capacitor connected to pin 2, CX. 47pF
sets the oscillator to 40kHz, a reasonable compromise
between lower switching losses at low frequencies and
reduced inductor size at higher frequencies.
CMOS Micropower Step-Up
Switching Regulator
4
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
LBR
Low-Battery Detection Comparator Input. The LBD output, pin 8, sinks current whenever this pin is
below the low-battery detector threshold, typically 1.31V.
2CX
An external capacitor connected between this terminal and ground sets the oscillator frequency.
47pF = 40 kHz.
3LX
This pin drives the external inductor. The internal N-channel MOSFET that drives LX has an output
resistance of 4
Ω and a peak current rating of 525mA.
4
GND
Ground
5+VS
The positive supply voltage, from 2.0V to 16.5V (MAX630).
6IC
The MAX630/MAX4193 shut down when this pin is left floating or is driven below 0.2V. For normal
operation, connect IC directly to +VS or drive it high with either a CMOS gate or pullup resistor
connected to +VS. The supply current is typically 10nA in the shutdown mode
7VFB
The output voltage is set by an external resistive divider connected from the converter output to VFB
and ground. The MAX630/MAX4193 pulse the LX output whenever the voltage at this terminal is less
than 1.31V.
8
LBD
The Low-Battery Detector output is an open-drain N-channel MOSFET that sinks up to 600
μA (typ)
whenever the LBR input, pin 1, is below 1.31V.


Similar Part No. - MAX630CJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630CJA MAXIM-MAX630CJA Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
MAX630CJA MAXIM-MAX630CJA Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
More results

Similar Description - MAX630CJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
   STEP-UP SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX634 MAXIM-MAX634 Datasheet
498Kb / 12P
   CMOS Micropower Inverting Switching Regulator
Rev 0; 5/86
logo
Sharp Corporation
PQ6CU12X2APQ SHARP-PQ6CU12X2APQ Datasheet
134Kb / 4P
   CMOS Step-up Chopper Regulator
PQ6CU11X1APQ SHARP-PQ6CU11X1APQ Datasheet
136Kb / 4P
   CMOS Step-up Chopper Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com