Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2008IYZGT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2008IYZGT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008IYZGT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2008IYZGT Datasheet HTML 7Page - Texas Instruments TSC2008IYZGT Datasheet HTML 8Page - Texas Instruments TSC2008IYZGT Datasheet HTML 9Page - Texas Instruments TSC2008IYZGT Datasheet HTML 10Page - Texas Instruments TSC2008IYZGT Datasheet HTML 11Page - Texas Instruments TSC2008IYZGT Datasheet HTML 12Page - Texas Instruments TSC2008IYZGT Datasheet HTML 13Page - Texas Instruments TSC2008IYZGT Datasheet HTML 14Page - Texas Instruments TSC2008IYZGT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
OVERVIEW
X+
Y+
X-
Y-
AuxilaryInput
GND
TSC2008
GND
1 Fto
10 F
m
m
0.1 F
m
Touch
Screen
GPIO
SDI
SCLK
Host
Processor
PENIRQ
SDO
SCLK
1.8VDC
GPIO
SDO
CS
SDI
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
The TSC2008 is an analog interface circuit for a human interface touch screen device. All peripheral functions
are controlled through the command byte and onboard state machines. While maintaining similarity in hardware,
command, and software to its predecessor, the TSC2046 (or TSC2046E), the TSC2008 includes significant
improvements such as:
• Much stronger and more comprehensive electrostatic discharge (ESD) protection
• Uses only 1/13 power for equivalent performance
• 1/7 bus traffic
• 3/16 size
• Direct 1.8V interface
• Prudent reset scheme
• Saves 1/7 power if 8-bit SDO adjusted output mode used
The TSC2008 consists of the following blocks (refer to the block diagram on the front page):
• Touch Screen Sensor Drivers
• Auxiliary Input (AUX)
• Temperature Sensor
• Acquisition Activity Preprocessing
• Internal Conversion Clock
• SPI Interface
Communication with the TSC2008 is done via an SPI serial interface. The TSC2008 is an SPI slave device;
therefore, data are shifted into or out of the TSC2008 under the control of the host microprocessor, which also
provides the serial data clock.
Control of the TSC2008 and its functions is accomplished by writing to the command register of an internal state
machine. A simple command protocol (compatible with SPI) is used to address this register.
A typical application of the TSC2008 is shown in Figure 20.
Figure 20. Typical Circuit Configuration
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TSC2008


Similar Part No. - TSC2008IYZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2008IYZGT TI-TSC2008IYZGT Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
More results

Similar Description - TSC2008IYZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com