Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9240PFCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9240PFCR
Description  Digital PWM System Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9240PFCR Datasheet(HTML) 4 Page - Texas Instruments

  UCD9240PFCR Datasheet HTML 1Page - Texas Instruments UCD9240PFCR Datasheet HTML 2Page - Texas Instruments UCD9240PFCR Datasheet HTML 3Page - Texas Instruments UCD9240PFCR Datasheet HTML 4Page - Texas Instruments UCD9240PFCR Datasheet HTML 5Page - Texas Instruments UCD9240PFCR Datasheet HTML 6Page - Texas Instruments UCD9240PFCR Datasheet HTML 7Page - Texas Instruments UCD9240PFCR Datasheet HTML 8Page - Texas Instruments UCD9240PFCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
UCD9240
SLUS766C – JULY 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DIGITAL INPUTS/OUTPUTS
Dgnd
VOL
Low-level output voltage
IOL = 6 mA
(2), V
V33DIO = 3 V
V
+0.25
V33DIO
VOH
High-level output voltage
IOH = -6 mA
(3), V
V33DIO = 3 V
V
-0.6V
VIH
High-level input voltage
VV33DIO = 3V
2.1
3.6
V
VIL
Low-level input voltage
VV33DIO = 3.5 V
1.1
V
FAN CONTROL INPUTS/OUTPUTS
TPWM_PERIOD
FAN-PWM period
156
kHz
DUTYPWM
FAN-PWM duty cycle range
0%
100%
DUTYRES
Duty cycle resolution
1%
For 1 Tach pulse per revolution. At 2,
TachRANGE
FAN-TACH range
30
300k
RPM
3, or 4 pulse/rev, divide by that value
TachRES
FAN-TACH resolution
For 1 Tach pulse per revolution
30
RPM
tMIN
FAN-TACH minimum pulse width
Either positive or negative polarity
150
µs
SYSTEM PERFORMANCE
Vref commanded to be 1V, at 25 °C
VRef
Setpoint Reference Accuracy
-10
10
mV
AFEgain = 4, 1V input to EAP/N
measured at output of the EADC(4)
Setpoint Reference Accuracy over
-40 °C to 125 °C
-20
20
mV
temeprature
AFEgain = 4 compared to
Differential offset between gain
VDiffOffset
-4
4
mV
setetings
AFEgain = 1, 2, or 8
tDelay
Digital Compensator Delay(5)
208(6)
ns
FSW
Switching Frequency
15.260
2000
kHz
Duty
Max and Min Duty Cycle
Configured via PMBus
0%
100%
VDDSlew
Minimum VDD slew rate
VDD slew rate between 2.3V and 2.9V
0.25
V/ms
tretention
Retention of configuration parameters
TJ = 25 °C
100
Years
Number of nonvolatile erase/write
Write_Cycles
TJ = 25 °C
20
K cycles
cycles
(2)
The maximum IOL, for all outputs combined, should not exceed 12 mA to hold the maximum voltage drop specified.
(3)
The maximum IOH, for all outputs combined, should not exceed 48 mA to hold the maximum voltage drop specified.
(4)
With default device caliibration. PMBus calibration can be used to improve the regulation tolerance.
(5)
Time from close of error ADC sample window to time when digitally calculated control effort (duty cycle) is available. This delay must be
accounted for when calculating the system dynamic response.
(6)
The PMBus command: EADC_SAMPLE_TRIGGER defines the start of the 32ns ADC sample window. So the minimum
EAD_SAMPLE_TRIGGER time is 208 + 32 = 240 ns.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCD9240


Similar Part No. - UCD9240PFCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240PFCR TI-UCD9240PFCR Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9240PFCR TI1-UCD9240PFCR Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240PFCR TI1-UCD9240PFCR Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9240PFCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com