Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52258CAG66 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCF52258CAG66
Description  MCF52259 ColdFire Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52258CAG66 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCF52258CAG66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52258CAG66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52258CAG66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52258CAG66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52258CAG66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52258CAG66 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52258CAG66 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52258CAG66 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52258CAG66 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
MCF52259 ColdFire Microcontroller, Rev. 0
Family Configurations
Freescale Semiconductor
8
Four 32-bit timers with DMA support
— 12.5 ns resolution at 80 MHz
— Programmable sources for clock input, including an external clock option
— Programmable prescaler
— Input capture capability with programmable trigger edge on input pin
— Output compare with programmable mode for the output pin
— Free run and restart modes
— Maskable interrupts on input capture or output compare
— DMA trigger capability on input capture or output compare
Four-channel general purpose timer
— 16-bit architecture
— Programmable prescaler
— Output pulse-widths variable from microseconds to seconds
— Single 16-bit input pulse accumulator
— Toggle-on-overflow feature for pulse-width modulator (PWM) generation
— One dual-mode pulse accumulation channel
Pulse-width modulation timer
— Support for PCM mode (resulting in superior signal quality compared to conventional PWM)
— Operates as eight channels with 8-bit resolution or four channels with 16-bit resolution
— Programmable period and duty cycle
— Programmable enable/disable for each channel
— Software selectable polarity for each channel
— Period and duty cycle are double buffered. Change takes effect when the end of the current period is reached
(PWM counter reaches zero) or when the channel is disabled.
— Programmable center or left aligned outputs on individual channels
— Four clock sources (A, B, SA, and SB) provide for a wide range of frequencies
— Emergency shutdown
Two periodic interrupt timers (PITs)
— 16-bit counter
— Selectable as free running or count down
Real-Time Clock (RTC)
— Maintains system time-of-day clock
— Provides stopwatch and alarm interrupt functions
Software watchdog timer
— 32-bit counter
— Low-power mode support
Backup watchdog timer (BWT)
— Independent timer that can be used to help software recover from runaway code
— 16-bit counter
— Low-power mode support
Clock generation features
— Twelve to 48 MHz crystal, 8 MHz on-chip trimmed relaxation oscillator, or external oscillator reference options
— Two to 10 MHz reference frequency for normal PLL mode with a pre-divider programmable from 1 to 8
— System can be clocked from PLL or directly from crystal oscillator or relaxation oscillator
— Low power modes supported


Similar Part No. - MCF52258CAG66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52258CAG66 FREESCALE-MCF52258CAG66 Datasheet
3Mb / 46P
   ColdFire Microcontroller
MCF52258CAG66 FREESCALE-MCF52258CAG66 Datasheet
2Mb / 46P
   ColdFire Microcontroller
More results

Similar Description - MCF52258CAG66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com