Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52259CAG80 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCF52259CAG80
Description  MCF52259 ColdFire Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52259CAG80 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF52259CAG80 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52259CAG80 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52259CAG80 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52259CAG80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52259CAG80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52259CAG80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52259CAG80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52259CAG80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52259CAG80 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Family Configurations
MCF52259 ColdFire Microcontroller, Rev. 0
Freescale Semiconductor
5
Figure 1. Block Diagram
1.2
Features
This document contains information on a new product under development. Freescale reserves the right to change or discontinue
this product without notice. Specifications and information herein are subject to change without notice.
1.2.1
Feature Overview
The MCF52259 family includes the following features:
Version 2 ColdFire variable-length RISC processor core
— Static operation
— 32-bit address and data paths on-chip
— Up to 80 MHz processor core frequency
Mini-FlexBus
Arbiter
Interrupt
Controllers
QSPI
UARTs
0–2
I2C
DTIMs
0–3
V2 ColdFire CPU
IFP
OEP
EMAC
4 ch DMA
MUX
JTAG
TAP
up to 64 Kbytes
SRAM
(4K
×16)×4
up to 512Kbytes
Flash
(64K
×16)×4
PORTS
(GPIO)
CCM,
RSTIN
RSTOUT
I2Cs
UARTs
DTINn/DTOUTn
CANRX
JTAG_EN
ADC
AN[7:0]
VRH
VRL
PLL
CLKGEN
EXTAL
XTAL CLKOUT
GPT
PWM
CANTX
PMM
EzPort
EzPCS
PWMn
USB
FEC
EzPQ
EzPD
EzPCK
RTC
CAU
To/From
Reset
Mini-FlexBus
PADI
USB
PITs
0–1
FlexCAN
Edge
Port
0–1
RNGA
Watchdog
Timer
GPTn
QSPI
IRQn
FEC
EzPort
To/From PADI
To/From PADI
To/From
PADI
JTAG/BDM


Similar Part No. - MCF52259CAG80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52259CAG80 FREESCALE-MCF52259CAG80 Datasheet
3Mb / 46P
   ColdFire Microcontroller
MCF52259CAG80 FREESCALE-MCF52259CAG80 Datasheet
2Mb / 46P
   ColdFire Microcontroller
More results

Similar Description - MCF52259CAG80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com