Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15031ATE+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15031ATE+
Description  80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15031ATE+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15031ATE+ Datasheet HTML 2Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
80V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VPWR = VIN = 3.3V, VOUT = 70V, circuit of Figure 3 (Figure 4 for VIN > 5.5V), unless otherwise noted.)
BIAS CURRENT
vs. APD CURRENT
APD CURRENT (mA)
1
0.1
0.01
0.001
0.1
1
10
0.01
0.0001
10
VBIAS = 70V
BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.1
1
10
0.01
-40
125
IAPD = 2mA
IAPD = 500nA
GAIN ERROR
vs. APD CURRENT
IAPD (
µA)
1000
100
10
1
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.1
10,000
VBIAS = 70V
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
-25 -10 5
35 50 65
20
80
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
-3.0
-40
125
VBIAS = 70V
IAPD = 500nA
IAPD = 50
µA
IAPD = 5
µA
IAPD = 2mA
IAPD = 500
µA
GAIN ERROR
vs. BIAS VOLTAGE
BIAS VOLTAGE (V)
70
60
20
30
40
50
-0.60
-0.40
-0.20
0
0.20
0.40
0.60
0.80
-0.80
10
80
IAPD = 500nA
IAPD = 50
µA
IAPD = 5
µA
IAPD = 2mA
IAPD = 500
µA
APD TRANSIENT RESPONSE
MAX15031 toc22
20
µs/div
VAPD
AC-COUPLED
70V
2V/div
IAPD
2.5mA/div
IMOUT
0.25mA/div
0mA
0mA
STARTUP DELAY
MAX15031 toc23
200
µs/div
VBIAS
20V/div
IMOUT
20nA/div
3V
0nA
IAPD = 500nA


Similar Part No. - MAX15031ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15031ATE++ MAXIM-MAX15031ATE+ Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
More results

Similar Description - MAX15031ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
logo
Taiwan Memory Technolog...
I7990N TMT-I7990N Datasheet
26Kb / 1P
   Boost Converter and Current Monitor for APD
logo
Linear Technology
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
   Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
   Boost DC/DC Converter with APD Current Monitor
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3482 LINER-LT3482_15 Datasheet
202Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3571 LINER-LT3571_15 Datasheet
225Kb / 16P
   75V DC/DC Converter for APD Bias
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com