Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15035ETL+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX15035ETL+
Description  15A Step-Down Regulator with Internal Switches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15035ETL+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX15035ETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 9Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 10Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 11Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 12Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 13Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
15A Step-Down Regulator with Internal Switches
10
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 17, 27, 31,
39, 40
N.C.
No Connection. Not internally connected.
2EN
Shutdown Control Input. Connect to VDD for normal operation. Pull EN low to put the controller into its
2µA (max) shutdown state. The MAX15035 slowly ramps down the target/output voltage to ground
and after the target voltage reaches 0.1V, the controller forces LX into a high-impedance state and
enters the low-power shutdown state. Toggle EN to clear the fault-protection latch.
3, 28
AGND
Analog Ground. Internally connected to EP1.
4VDD
Supply Voltage Input for the DL Gate Driver. Connect to the system supply voltage (+4.5V to +5.5V).
Bypass VDD to power ground with a 1µF or greater ceramic capacitor.
5, 16
LX
Inductor Connection. Internally connected to EP2. Connect LX to the switched side of the inductor as
shown in Figure 1.
6–15
PGND
Power Ground
18–26
IN
Power MOSFET Input Power Source. Internally connected to EP3.
29
TON
Switching Frequency-Setting Input. An external resistor between the input power source and TON
sets the switching period (tSW = 1/fSW) according to the following equation:
where CTON = 16.26pF and VFB = VREFIN under normal operating conditions. If the TON current
drops below 10µA, the MAX15035 shuts down and enters a high-impedance state. TON is high
impedance in shutdown.
30
BST
Boost Flying Capacitor Connection. Connect to an external 0.1µF capacitor as shown in Figure 1. The
MAX15035 contains an internal boost switch/diode (Figure 2).
tC
R
k
V
V
SW
TON
TON
FB
OUT
=+
()
⎝⎜
⎠⎟
65
.
DYNAMIC OUTPUT-VOLTAGE TRANSITION
(PWM MODE)
MAX15035 toc28
40
µs/div
C. INDUCTOR CURRENT,
10A/div
D. LX, 10V/div
-6A
0
1.5V
1.5V
1.05V
1.05V
12V
0
A
B
C
D
A. REFIN, 500mV/div
B. VOUT, 200mV/div
IOUT = 2A
DYNAMIC OUTPUT-VOLTAGE TRANSITION
(SKIP MODE)
MAX15035 toc29
40
µs/div
C. INDUCTOR CURRENT,
10A/div
D. LX, 10V/div
10A
0
1.5V
1.5V
1.05V
1.05V
12V
0
A
B
C
D
A. REFIN, 500mV/div
B. VOUT, 200mV/div
IOUT = 2A
Typical Operating Characteristics (continued)
(MAX15035 Circuit of Figure 1, VIN = 12V, VDD = 5V, SKIP = GND, RTON = 200kΩ, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX15035ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15035ETL++ MAXIM-MAX15035ETL+ Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
More results

Similar Description - MAX15035ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
logo
Linear Technology
LTC3613 LINER-LTC3613 Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
logo
Linear Technology
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
logo
Maxim Integrated Produc...
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com