Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16053 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16053
Description  High-Voltage, Adjustable Sequencing/Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16053 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16053 Datasheet HTML 1Page - Maxim Integrated Products MAX16053 Datasheet HTML 2Page - Maxim Integrated Products MAX16053 Datasheet HTML 3Page - Maxim Integrated Products MAX16053 Datasheet HTML 4Page - Maxim Integrated Products MAX16053 Datasheet HTML 5Page - Maxim Integrated Products MAX16053 Datasheet HTML 6Page - Maxim Integrated Products MAX16053 Datasheet HTML 7Page - Maxim Integrated Products MAX16053 Datasheet HTML 8Page - Maxim Integrated Products MAX16053 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
High-Voltage, Adjustable
Sequencing/Supervisory Circuits
_______________________________________________________________________________________
5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
14
12
8
10
4
6
2
3
6
9
12
15
18
21
24
27
30
0
016
MAX16052
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
3
6
9
12
15
18
21
24
27
30
0
-40
125
MAX16052
VCC = 2.25V
VCC = 3.3V
VCC = 5V
VCC = 12V
IN THRESHOLD VOLTAGE
vs. TEMPERATURE
498.5
499.0
499.5
500.0
500.5
501.0
501.5
502.0
498.0
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
-40
125
OUT DELAY vs. CCDELAY
CCDELAY (nF)
900
800
600 700
200 300 400 500
100
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
01000
OUTPUT LOW VOLTAGE
vs. SINK CURRENT
ISINK (mA)
18
16
2
4
6
10 12
8
14
1
2
3
4
5
6
7
8
0
020
VCC = 2.25V
VCC = 3.3V
VCC = 5V
VCC = 12V
OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
ISOURCE (mA)
12
10
8
6
4
2
2
4
6
8
10
12
0
014
Typical Operating Characteristics
(VCC = 3.3V and TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX16053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16053 MAXIM-MAX16053 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16053AUT+T MAXIM-MAX16053AUT+T Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
More results

Similar Description - MAX16053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com