Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200BDS Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5200BDS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
4
Freescale Semiconductor
1
Electrical and Thermal Characteristics
1.1
DC Electrical Characteristics
1.1.1
Absolute Maximum Ratings
The tables in this section describe the MPC5200B DC Electrical characteristics. Table 1 gives the absolute maximum ratings.
1.1.2
Recommended Operating Conditions
Table 2 gives the recommended operating conditions.
Table 1. Absolute Maximum Ratings(1)
1 Absolute maximum ratings are stress ratings only, and functional operation at the maximums is not guaranteed.
Stresses beyond those listed may affect device reliability or cause permanent damage.
Characteristic
Sym
Min
Max
Unit
SpecID
Supply voltage - e300 core and peripheral logic
VDD_CORE
–0.3
1.8
V
D1.1
Supply voltage - I/O buffers
VDD_IO,
VDD_MEM_IO
–0.3
3.6
V
D1.2
Supply voltage - System APLL
SYS_PLL_AVDD
–0.3
2.1
V
D1.3
Supply voltage - e300 APLL
CORE_PLL_AVDD
–0.3
2.1
V
D1.4
Input voltage (VDD_IO)
Vin
–0.3
VDD_IO + 0.3
V
D1.5
Input voltage (VDD_MEM_IO)
Vin
–0.3
VDD_MEM_IO
+ 0.3
V
D1.6
Input voltage overshoot
Vinos
1.0
V
D1.7
Input voltage undershoot
Vinus
1.0
V
D1.8
Storage temperature range
Tstg
–55
150
oC
D1.9
Table 2. Recommended Operating Conditions
Characteristic
Sym
Min(1)
Max(1)
Unit
SpecID
Supply voltage - e300 core and peripheral
logic
VDD_CORE
1.42
1.58
V
D2.1
Supply voltage - standard I/O buffers
VDD_IO
3.0
3.6
V
D2.2
Supply voltage - memory I/O buffers (SDR)
VDD_MEM_IOSDR
3.0
3.6
V
D2.3
Supply voltage - memory I/O buffers (DDR)
VDD_MEM_IODDR
2.42
2.63
V
D2.4
Supply voltage - System APLL
SYS_PLL_AVDD
1.42
1.58
V
D2.5
Supply voltage - e300 APLL
CORE_PLL_AVDD
1.42
1.58
V
D2.6


Similar Part No. - MPC5200BDS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
   SDRAM/DDR Memory Controller
MPC5200B FREESCALE-MPC5200B Datasheet
977Kb / 72P
   SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B Datasheet
984Kb / 72P
   SDRAM/DDR Memory Controller
logo
Motorola, Inc
MPC5200BV400 MOTOROLA-MPC5200BV400 Datasheet
1Mb / 76P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC5200BV400 FREESCALE-MPC5200BV400 Datasheet
6Mb / 80P
   Hardware Specifications
More results

Similar Description - MPC5200BDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com