Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19507 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX19507
Description  Dual-Channel, 8-Bit, 130Msps ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19507 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX19507 Datasheet HTML 1Page - Maxim Integrated Products MAX19507 Datasheet HTML 2Page - Maxim Integrated Products MAX19507 Datasheet HTML 3Page - Maxim Integrated Products MAX19507 Datasheet HTML 4Page - Maxim Integrated Products MAX19507 Datasheet HTML 5Page - Maxim Integrated Products MAX19507 Datasheet HTML 6Page - Maxim Integrated Products MAX19507 Datasheet HTML 7Page - Maxim Integrated Products MAX19507 Datasheet HTML 8Page - Maxim Integrated Products MAX19507 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
General Description
The MAX19507 dual-channel, analog-to-digital converter
(ADC) provides 8-bit resolution and a maximum sample
rate of 130Msps.
The MAX19507 analog input accepts a wide 0.4V to
1.4V input common-mode voltage range, allowing DC-
coupled inputs for a wide range of RF, IF, and base-
band front-end components. The MAX19507 provides
excellent dynamic performance from baseband to high
input frequencies beyond 400MHz, making the device
ideal for zero-intermediate frequency (ZIF) and high-
intermediate frequency (IF) sampling applications. The
typical signal-to-noise ratio (SNR) performance is
49.8dBFS and typical spurious-free dynamic range
(SFDR) is 69dBc at fIN = 70MHz and fCLK = 130MHz.
The MAX19507 operates from a 1.8V supply.
Additionally, an integrated, self-sensing voltage regula-
tor allows operation from a 2.5V to 3.3V supply (AVDD).
The digital output drivers operate on an independent
supply voltage (OVDD) over the 1.8V to 3.5V range.
The analog power consumption is only 74mW per chan-
nel at VAVDD = 1.8V. In addition to low operating
power, the MAX19507 consumes only 1mW in power-
down mode and 21mW in standby mode.
Various adjustments and feature selections are avail-
able through programmable registers that are
accessed through the 3-wire serial-port interface.
Alternatively, the serial-port interface can be disabled,
with the three inputs available to select output mode,
data format, and clock-divider mode. Data outputs are
available through a dual parallel CMOS-compatible out-
put data bus that can also be configured as a single
multiplexed parallel CMOS bus.
The MAX19507 is available in a small 7mm x 7mm, 48-
pin thin QFN package and is specified over the -40°C
to +85°C extended temperature range.
Refer to the MAX19515, MAX19516, and MAX19517
data sheets for pin- and feature-compatible 10-bit,
65Msps, 100Msps, and 130Msps versions, respectively.
Refer to the MAX19505 and MAX19506 data sheets for
pin- and feature-compatible 8-bit, 65Msps and 100Msps
versions, respectively.
Applications
IF and Baseband Communications, Including
Cellular Base Stations and Point-to-Point
Microwave Receivers
Ultrasound and Medical Imaging
Portable Instrumentation and Low-Power Data
Acquisition
Digital Set-Top Boxes
Features
♦ Very-Low-Power Operation (74mW/Channel at
130Msps)
♦ 1.8V or 2.5V to 3.3V Analog Supply
♦ Excellent Dynamic Performance
49.8dBFS SNR at 70MHz
69dBc SFDR at 70MHz
♦ User-Programmable Adjustments and Feature
Selection through an SPI™ Interface
♦ Selectable Data Bus (Dual CMOS or Single
Multiplexed CMOS)
♦ DCLK Output and Programmable Data Output
Timing Simplifies High-Speed Digital Interface
♦ Very Wide Input Common-Mode Voltage Range
(0.4V to 1.4V)
♦ Very High Analog Input Bandwidth (> 850MHz)
♦ Single-Ended or Differential Analog Inputs
♦ Single-Ended or Differential Clock Input
♦ Divide-by-One (DIV1), Divide-by-Two (DIV2), and
Divide-by-Four (DIV4) Clock Modes
♦ Two’s Complement, Gray Code, and Offset Binary
Output Data Format
♦ Out-of-Range Indicator (DOR)
♦ CMOS Output Internal Termination Options
(Programmable)
♦ Reversible Bit Order (Programmable)
♦ Data Output Test Patterns
♦ Small 7mm x 7mm, 48-Pin Thin QFN Package with
Exposed Pad
Dual-Channel, 8-Bit, 130Msps ADC
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-4311; Rev 0; 10/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX19507ETM+
-40°C to +85°C
48 TQFN-EP*
+
Denotes a lead-free/RoHS-compliant package.
*
EP = Exposed pad.
Pin Configuration appears at end of data sheet.
SPI is a trademark of Motorola, Inc.


Similar Part No. - MAX19507

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19507ETM++ MAXIM-MAX19507ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19507ETM++ MAXIM-MAX19507ETM+ Datasheet
655Kb / 35P
   Dual-Channel, 8-Bit, 130Msps ADC ____________________________________________________________ Maxim Integrated Products 1 Ordering Information 19-4311; Rev 1; 9/10 For pricing,
2010
MAX19507EVKIT++ MAXIM-MAX19507EVKIT+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19507 MAXIM-MAX19507_V01 Datasheet
655Kb / 35P
   Dual-Channel, 8-Bit, 130Msps ADC ____________________________________________________________ Maxim Integrated Products 1 Ordering Information 19-4311; Rev 1; 9/10 For pricing,
2010
More results

Similar Description - MAX19507

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19517 MAXIM-MAX19517 Datasheet
383Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
Rev 1; 10/08
MAX19517 MAXIM-MAX19517_V01 Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
logo
Linear Technology
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
   16-Bit, 130Msps ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com