Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19517ETM+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX19517ETM+
Description  Dual-Channel, 10-Bit, 130Msps ADC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19517ETM+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX19517ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 9Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 10Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 11Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 12Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 13Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 14Page - Maxim Integrated Products MAX19517ETM+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Typical Operating Characteristics (continued)
(VAVDD = VOVDD = 1.8V, internal reference, differential clock, VCLK = 1.5VP-P, fCLK = 130MHz, AIN = -0.5dBFS, data output termina-
tion = 50
Ω, TA = +25°C, unless otherwise noted.)
COMMON-MODE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
-20
0
20
40
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
-40
VCM = 1.35V
VCM = 1.2V
VCM = 1.05V
VCM = 0.9V
VCM = 0.75V
VCM = 0.6V
VCM = 0.45V
OFFSET ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
-0.7
-40
Dual-Channel, 10-Bit, 130Msps ADC
______________________________________________________________________________________
11
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
1.2453
1.2474
1.2495
1.2516
1.2432
-40
GAIN ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
REGULATOR MODE
INPUT CURRENT
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
40
50
60
70
80
90
100
110


Similar Part No. - MAX19517ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19517ETM++ MAXIM-MAX19517ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19517ETM++ MAXIM-MAX19517ETM+ Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
More results

Similar Description - MAX19517ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19517 MAXIM-MAX19517_V01 Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
logo
Linear Technology
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
   16-Bit, 130Msps ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com