Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEL3011AS Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # AEL3011AS
Description  30-Series General Oscillator Specifications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

AEL3011AS Datasheet(HTML) 1 Page - AEL Crystals Ltd

  AEL3011AS Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Min
Typ
Max
Unit
Frequency Range
2
48
MHz
Overall Stability (+/-)
20
100
ppm
Supply Voltage (+/-10%)
1.8
5
V
Operating Temperature Range
0~70
-40~+85
Deg C
Capacitive Load on Output
15
50
pF
TTL Load on Output
1
10
TTL
Supply Current:
5V
2.0-48MHz
30
mA
3.3V 2.0-48MHz
30
mA
Output Voltage :
Pin Assignments
Tri-State Voltages
High (5Vdd)
4.5
V
Pin 1
Tri-State (301-)
N.C
Output Active
High (3.3Vdd)
2.97
V
Pin 2
Ground
>2.2V
Output Active
Low (5Vdd)
0.5
V
Pin 3
Output
<0.8V
Output Disabled
Low (3.3Vdd)
0.33
V
Pin 4
+V DC
(Pin 1 has internal pull up resistor to allow
it to float High)
Symmetry
40:60
45:55
48:52
%
Jitter
1
pS
AEL30
Rise/Fall time (frequency dependant)
10
nS
Pin 1:
1=E/D
Start up Time
10
mS
Supply voltage:
0=5V, 3=3.3, 2=2.5V, 1=1.8V
Stability* (+/-ppm):
C=100, B=50, A=25
Temperature range:
S=0~+70, I=-40~+85C
TITLE
Part Number
Stock Number
Issue Date
Issue Number
5
AEL Crystals Ltd. Reserve the right to amend specifications without notification. Please ensure you have the latest issue
AEL 30-series oscillator
Contact Sales Office
Contact Sales Office
*please contact our Sales Office for further options
Options and How to Specify
30-Series General Oscillator Specifications
e.g. AEL3010AI 30MHz = E/D, 5V, +/-25ppm, -40~+85C, 30MHz
17/07/2007
Module "D", Airtech II
Jenner Road, Manor Royal
Crawley RH10 9GA
Not to be reproduced without permission of AEL Crystals Ltd


Similar Part No. - AEL3011AS

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AEL371 AEL-AEL371 Datasheet
34Kb / 1P
   3.2x2.5mm Low Current SMD Oscillators - Type 371
AEL37125AI AEL-AEL37125AI Datasheet
34Kb / 1P
   3.2x2.5mm Low Current SMD Oscillators - Type 371
AEL37125AS AEL-AEL37125AS Datasheet
34Kb / 1P
   3.2x2.5mm Low Current SMD Oscillators - Type 371
AEL37125BI AEL-AEL37125BI Datasheet
34Kb / 1P
   3.2x2.5mm Low Current SMD Oscillators - Type 371
AEL37125BS AEL-AEL37125BS Datasheet
34Kb / 1P
   3.2x2.5mm Low Current SMD Oscillators - Type 371
More results

Similar Description - AEL3011AS

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AEL45 AEL-AEL45 Datasheet
57Kb / 1P
   45-Series General Oscillator Specifications
AEL43 AEL-AEL43 Datasheet
34Kb / 1P
   43-Series General Oscillator Specifications
AEL97 AEL-AEL97 Datasheet
49Kb / 1P
   97-Series General Oscillator Specifications
AEL12 AEL-AEL12 Datasheet
47Kb / 1P
   12-Series General Oscillator Specifications
AEL60 AEL-AEL60 Datasheet
29Kb / 1P
   60-Series General Oscillator Specifications
logo
Wolfgang Knap
22SMODO-SO9936C WK-22SMODO-SO9936C Datasheet
83Kb / 1P
   OSCILLATOR SPECIFICATIONS
32SMO-9980A WK-32SMO-9980A Datasheet
116Kb / 1P
   OSCILLATOR SPECIFICATIONS
97SMOWWW-SO9968A WK-97SMOWWW-SO9968A Datasheet
296Kb / 1P
   Oscillator specifications
97SMOWW-SO9969A WK-97SMOWW-SO9969A Datasheet
282Kb / 1P
   Oscillator specifications
logo
List of Unclassifed Man...
BA2-B0-34-610-121-D ETC2-BA2-B0-34-610-121-D Datasheet
2Mb / 17P
   B-Series ??General Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com