Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEL4311BI Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # AEL4311BI
Description  43-Series General Oscillator Specifications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

AEL4311BI Datasheet(HTML) 1 Page - AEL Crystals Ltd

  AEL4311BI Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Min
Typ
Max
Unit
Frequency Range
0.5
125
MHz
Overall Stability (+/-)
10
100
ppm
Supply Voltage (+/-10%)
1.8
5
V
Operating Temperature Range
0~70
-40~+85
Deg C
Capacitive Load on Output
15
50
pF
TTL Load on Output
1
10
TTL
Supply Current:
5V
1.0-23.9MHz
20
mA
5V
24-49.9MHz
30
mA
5V
50-69.9MHz
40
mA
5V
70-125MHz
60
mA
3.3V 1.0-23.9MHz
15
mA
3.3V 24-49.9MHz
20
mA
3.3V 50-69.9MHz
30
mA
3.3V 70-125MHz
45
mA
Pin Assignments
Tri-State Voltages
Output Voltage :
Pin 1
Tri-State (431-)
N.C
Output Active
High (5Vdd)
4.5
V
Pin 2
Ground
>2.2V
Output Active
High (3.3Vdd)
2.97
V
Pin 3
Output
<0.8V
Output Disabled
Low (5Vdd)
0.5
V
Pin 4
+V DC
(Pin 1 has internal pull up resistor to allow
Low (3.3Vdd)
0.33
V
it to float High)
Symmetry
40:60
45:55
48:52
%
Jitter
1
pS
AEL43
Rise/Fall time (frequency dependant)
5
nS
Pin 1:
1=E/D
Start up Time
10
mS
Supply voltage:
0=5V, 3=3.3, 2=2.5V, 1=1.8V
Stability* (+/-ppm):
C=100, B=50, A=25
Temperature range:
S=0~+70, I=-40~+85C
TITLE
Part Number
Stock Number
Issue Date
Issue Number
Options and How to Specify
43-Series General Oscillator Specifications
e.g. AEL4313BS 20MHz = E/D, 3.3V, +/-50ppm, 0~+70C, 20MHz
17/07/2007
5
AEL Crystals Ltd. Reserve the right to amend specifications without notification. Please ensure you have the latest issue
AEL 43-series oscillator
Contact Sales Office
Contact Sales Office
*please contact our Sales Office for further options
Module "D", Airtech II
Jenner Road, Manor Royal
Crawley RH10 9GA
Not to be reproduced without permission of AEL Crystals Ltd


Similar Part No. - AEL4311BI

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEL40US05 XPPOWER-AEL40US05 Datasheet
197Kb / 8P
   AC-DC Power Supplies
AEL40US05-L6 XPPOWER-AEL40US05-L6 Datasheet
752Kb / 6P
   AC-DC Power Supplies
AEL40US08 XPPOWER-AEL40US08 Datasheet
197Kb / 8P
   AC-DC Power Supplies
AEL40US09 XPPOWER-AEL40US09 Datasheet
197Kb / 8P
   AC-DC Power Supplies
AEL40US12 XPPOWER-AEL40US12 Datasheet
197Kb / 8P
   AC-DC Power Supplies
More results

Similar Description - AEL4311BI

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AEL45 AEL-AEL45 Datasheet
57Kb / 1P
   45-Series General Oscillator Specifications
AEL30 AEL-AEL30 Datasheet
35Kb / 1P
   30-Series General Oscillator Specifications
AEL97 AEL-AEL97 Datasheet
49Kb / 1P
   97-Series General Oscillator Specifications
AEL12 AEL-AEL12 Datasheet
47Kb / 1P
   12-Series General Oscillator Specifications
AEL60 AEL-AEL60 Datasheet
29Kb / 1P
   60-Series General Oscillator Specifications
logo
Wolfgang Knap
22SMODO-SO9936C WK-22SMODO-SO9936C Datasheet
83Kb / 1P
   OSCILLATOR SPECIFICATIONS
32SMO-9980A WK-32SMO-9980A Datasheet
116Kb / 1P
   OSCILLATOR SPECIFICATIONS
97SMOWWW-SO9968A WK-97SMOWWW-SO9968A Datasheet
296Kb / 1P
   Oscillator specifications
97SMOWW-SO9969A WK-97SMOWW-SO9969A Datasheet
282Kb / 1P
   Oscillator specifications
logo
List of Unclassifed Man...
BA2-B0-34-610-121-D ETC2-BA2-B0-34-610-121-D Datasheet
2Mb / 17P
   B-Series ??General Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com