Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG650 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # BG650
Description  EC-motor with planetary gear unit for automatic spindle positioning cycles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

BG650 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  BG650 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG BG650 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG BG650 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG BG650 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Motors
3
www.baumerivo.com
www.baumerivo.com
BG650
EC-motor with planetary gear unit
for automatic spindle positioning cycles
24 V
0 V
IN 1 output
IN 1 input
IN 2 output
IN 2 input
(logic 24 V)
1
2
3
4
5
6
7
8
OUT 1
IN 1 (left)
IN 2 (right)
IN 4 (speed)
24 V
n.c.
n.c.
AI- (0...10 V)
AI+ (0...10 V)
OUT 3 (fault)
IN 3 (speed)
0 V
A
B
C
D
E
F
G
H
J
K
L
M
supply
voltage
Motor
release
counter-
clockwise
Enable
n.c.
release
clockwise
M
Circuit diagram
Connector – SPA, 12-pin
Connector
Assignment
Function
Pin A
Pin B
IN 1
Motor left
Pin C
IN 2
Motor right
Pin D
IN 4*
Speed
Pin E
+24 V
n.c.
Pin F
n.c.
n.c.
Pin G
n.c.
n.c.
Pin H
n.c.
Pin J
n.c.
Pin K
OUT 3
Error signal
Pin L
IN 3*
Speed
Pin M
GND
GND
IN 3* IN 4* Rotation speed
1
0
200
1
1
3600
Connector – Motor, 8-pin
Connector
Assignment
Function
Pin 1
UE
+24 VDC motor supply
Pin 2
GND
0 V related to ground für UE
Pin 3
OUT left
Release counterclockwise
Pin 4
IN left
Release counterclockwise
Pin 5
OUT right
Release clockwise
Pin 6
IN right
Release clockwise
Pin 7
Enable
Logic +24 V
Pin 8
n.c.
n.c.
Terminal assignment


Similar Part No. - BG650

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
logo
Bolymin, Inc
BG640480A BOLYMIN-BG640480A Datasheet
181Kb / 1P
   FSTN LCD, TAB IC, TCP package with frame No built-in controller (Recommending SED1375)
More results

Similar Description - BG650

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
BG440 IVO-BG440 Datasheet
537Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
logo
Ningbo Leison Motor Co....
PG92-80ZY115 NINGBO-PG92-80ZY115 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG82-80ZY115 NINGBO-PG82-80ZY115 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG120-96ZY140 NINGBO-PG120-96ZY140 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG56-63ZY125 NINGBO-PG56-63ZY125 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG56-80ZY115 NINGBO-PG56-80ZY115 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG72-71ZY110 NINGBO-PG72-71ZY110 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG92-80ZY125 NINGBO-PG92-80ZY125 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
logo
List of Unclassifed Man...
MOT-IG42GM ETC2-MOT-IG42GM Datasheet
253Kb / 1P
   42mm Planetary Gear Motor Carbon - Brushed
2022
logo
Festo Corporation.
8141735 FESTO-8141735 Datasheet
73Kb / 1P
   Gear unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com