Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG440.5005201 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # BG440.5005201
Description  EC-motor with planetary gear unit for automatic spindle positioning cycles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

BG440.5005201 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  BG440.5005201 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG BG440.5005201 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG BG440.5005201 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG BG440.5005201 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Motors
1
www.baumerivo.com
www.baumerivo.com
BG440
Features
Brushless DC-motor
With integrated rotation speed electronics
Nominal power 20 W or 40 W
Direct connection to spindle position display
Technical data - electrical ratings
Voltage supply
24 (20...30) VDC
Ripple residue
<5 %
Nominal current
1.5 A, 2.8 A
Nominal rating
20 W, 40 W
Undervoltage interruption ≤10.5 V
External backup
6.3 AT (required)
Excess temperature
protection
120 °C at final power output
circuit
Peak current
≤3.5 A
Control signals
Rotation speed 1
Rotation speed 2
Counterclockwise
Clockwise
Enable
Outputs
Motor malfunction (Error)
Inputs
Enable
Start counterclockwise
Start clockwise
Clamp
BG440
Technical data - mechanical design
Operating temperature
-10...+50 °C
Protection DIN EN 60529 IP 54
E-connection
- Round connector 8-pin,
motor supply
- Round connector 12-pin,
between motor - SPA
DIN45326, Binder series 723
Permanent torque
≤2.4 Nm (with 20 W)
≤4.4 Nm (with 40 W)
Starting torque
≤5 Nm (with 20 W)
≤10 Nm (with 40 W)
Operating speed
≤72 rpm (highspeed)
≤4 rpm (slowspeed)
Scaling ratio
50:1
Number of stages
2
Degree of efficiency
0.81
Admitted shaft load
≤500 N axial
≤350 N radial
Dimensions W x H x L
See dimensional drawing
Weight approx.
1300 g, 1400 g
Material
Aluminium profile, anodized in
black
EC-motor with planetary gear unit
for automatic spindle positioning cycles


Similar Part No. - BG440.5005201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BG42WH ETC-BG42WH Datasheet
616Kb / 6P
   TRANSFER PET MATT WHITE S8030-BG42WH FSC
November-2023
BG45WH ETC-BG45WH Datasheet
1Mb / 2P
   AQUA PROOF ORION S2047N-BG45WH IMP FSC
January-2024
More results

Similar Description - BG440.5005201

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
BG650 IVO-BG650 Datasheet
599Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
logo
Ningbo Leison Motor Co....
PG92-80ZY115 NINGBO-PG92-80ZY115 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG82-80ZY115 NINGBO-PG82-80ZY115 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG120-96ZY140 NINGBO-PG120-96ZY140 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG56-63ZY125 NINGBO-PG56-63ZY125 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG56-80ZY115 NINGBO-PG56-80ZY115 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG72-71ZY110 NINGBO-PG72-71ZY110 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG92-80ZY125 NINGBO-PG92-80ZY125 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
logo
List of Unclassifed Man...
MOT-IG42GM ETC2-MOT-IG42GM Datasheet
253Kb / 1P
   42mm Planetary Gear Motor Carbon - Brushed
2022
logo
Festo Corporation.
8141735 FESTO-8141735 Datasheet
73Kb / 1P
   Gear unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com