Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE134.013AX01 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # BE134.013AX01
Description  Time and hours meters electronic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

BE134.013AX01 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  BE134.013AX01 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG BE134.013AX01 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Time and hours meters electronic
1
www.baumerivo.com
www.baumerivo.com
BE134 with two presets
Features
Hour counter with 2 presets
Display 6-digits
Totalizer for hour
Counting range 9999.99 s / 999.95.9 min / 9999.59 min
/ 9999.59 h
With reset
Connection: Count impulse, NPN, PNP, AC logic
Batch counter with preset
Technical data - electrical ratings
Voltage supply
22...50 VAC (50/60 Hz)
85...265 VAC (50/60 Hz)
12...30 VDC
Power consumption
5 VA, 5 W
Sensor supply
AC: 24 VDC ±20 % / 100 mA
DC: 9...28 VDC / 100 mA
Display
LCD, 7-segment display,
2-lines, backlit
Number of digits
6-digits
8-digits - totalizer in 2 steps
Digit height
7 mm (count)
4 mm (preset)
Function
Hour counter
Main counter with 2 presets
Count mode
Adding or subtracting
Counting frequency
Batch counter: approx. 20 Hz
Operating mode
Time meter and hour counter
Data memory
>10 years in EEPROM
Reset
Button, electric or automatic
Keylock
Yes, electric (keylock)
Outputs electronic
Optocoupler
Outputs relay
Normally open or closed,
programmable
Output holding time
0.01...99.99 s
Interface
RS485
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-4
Interference immunity
DIN EN 61000-6-2
Programmable
parameters
Measuring units, sensor logic
Control inputs
Approvals
UL/cUL, CE conform
BE134
Technical data - mechanical design
Operating temperature
0...+50 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
E-connection
Plug-in screw terminals
Core cross-section
1.5 mm²
Protection DIN EN 60529 IP 65 face with seal
Operation / keypad
Membrane with softkeys
Housing type
Built-in housing
Dimensions W x H x L
48 x 48 x 100 mm
Installation depth
100 mm
Mounting
Clip frame
Cutout dimensions
45 x 45 mm (+0.6)
Materials
Housing: Makrolon 6485 (PC)
Keypad: Polyester
Weight approx.
150 g
2 presets, PNP, NPN or AC logic
Display LCD, 6-digits, programmable


Similar Part No. - BE134.013AX01

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
BE11B-PASK JST-BE11B-PASK Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
Meder Electronic
BE12-1A66-1B66-M_DE MEDER-BE12-1A66-1B66-M_DE Datasheet
100Kb / 2P
   (deutsch) BE Reed Relay
BE12-1A66-M MEDER-BE12-1A66-M Datasheet
92Kb / 1P
   BE Reed Relays
logo
Standex Electronics, In...
BE12-1A66-M STANDEX-BE12-1A66-M Datasheet
73Kb / 1P
   BE Series Reed Relay
Version: 02
logo
Meder Electronic
BE12-1A66-M_DE MEDER-BE12-1A66-M_DE Datasheet
92Kb / 1P
   (deutsch) BE Reed Relay
More results

Similar Description - BE134.013AX01

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
ISI34 IVO-ISI34 Datasheet
580Kb / 4P
   Time and hours meters electronic
B160 IVO-B160 Datasheet
347Kb / 2P
   Time and hours meters electromechanic
B148 IVO-B148 Datasheet
335Kb / 2P
   Time and hours meters electromechanic
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
IK Semicon Co., Ltd
IN7100N IKSEMICON-IN7100N Datasheet
235Kb / 8P
   Hours and Minutes Setting
logo
Texas Instruments
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
logo
Amphenol Wilcoxon Sensi...
PCD100 WILCOXON-PCD100 Datasheet
419Kb / 4P
   Process and temperature meters
Rev.A 08/20
logo
Shenzhen Huazhimei Semi...
HM1302 HMSEMI-HM1302 Datasheet
3Mb / 10P
   real time counting seconds, minutes, hours, day of the month
logo
List of Unclassifed Man...
HP51A6 ETC2-HP51A6 Datasheet
69Kb / 2P
   16 standard time ranges from 5 seconds to 60 hours
logo
Keysight Technologies
N1912A-P KEYSIGHT-N1912A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com