Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G0P5H010A316 Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # G0P5H010A316
Description  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G0P5H010A316 Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  G0P5H010A316 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G0P5H010A316 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG G0P5H010A316 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG G0P5H010A316 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - bus interfaces
www.baumerivo.com
4
Dimensions
16
7.5
49.5
16
7.5
49.5
LED
LED
30
20
58
15 (9.5)
15°
M3
x 6
(6x) ø14 H7 (ø12 H7)
G0P5H - CANopen
Hollow shaft max. ø14 mm
Optical multiturn encoders 13 bit ST / 16 bit MT, CANopen


Similar Description - G0P5H010A316

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GBP5W IVO-GBP5W Datasheet
703Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com