Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4852 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC4852
Description  Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4852 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4852 Datasheet HTML 2Page - NXP Semiconductors 74HC4852 Datasheet HTML 3Page - NXP Semiconductors 74HC4852 Datasheet HTML 4Page - NXP Semiconductors 74HC4852 Datasheet HTML 5Page - NXP Semiconductors 74HC4852 Datasheet HTML 6Page - NXP Semiconductors 74HC4852 Datasheet HTML 7Page - NXP Semiconductors 74HC4852 Datasheet HTML 8Page - NXP Semiconductors 74HC4852 Datasheet HTML 9Page - NXP Semiconductors 74HC4852 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
74HC_HCT4852_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 2 September 2008
6 of 20
NXP Semiconductors
74HC4852; 74HCT4852
4-channel analog MUX/DEMUX with injection-current effect control
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
74HC4852
74HCT4852
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
-
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VSW
switch voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
-
+125
−40
-
+125
°C
∆t/∆V
input transition rise and
fall rate
VCC = 2.0 V
-
6.0
1000
-
-
-
ns/V
VCC = 3.0 V
-
6.0
800
-
-
-
ns/V
VCC = 3.3 V
-
6.0
800
-
-
-
ns/V
VCC = 4.5 V
-
6.0
500
-
6.0
500
ns/V
VCC = 6.0 V
-
6.0
400
-
-
-
ns/V
Table 6.
RON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); For test circuit see Figure 8.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC4852
RON(peak) ON resistance
(peak)
VI = VCC to GND; E = VIL
VCC = 2.0 V; ISW = 2 mA
-
400
650
-
670
-
700
VCC = 3.0 V; ISW ≤ 2 mA
-
215
330
-
360
-
380
VCC = 3.3 V; ISW ≤ 2 mA
-
120
270
-
305
-
345
VCC = 4.5 V; ISW ≤ 2 mA
-
76
210
-
240
-
270
VCC = 6.0 V; ISW ≤ 2 mA
-
59
195
-
220
-
250
∆RON
ON resistance
mismatch
between
channels
VI = 0.5 × VCC; E = VIL
VCC = 2.0 V; ISW =2mA
-
4
10
-
15
-
20
VCC = 3.0 V; ISW ≤ 2 mA
-
2
8
-
12
-
16
VCC = 3.3 V; ISW ≤ 2mA
-
2
8
-
12
-
16
VCC = 4.5 V; ISW ≤ 2mA
-
2
8
-
12
-
16
VCC = 6.0 V; ISW ≤ 2mA
-
3
9
-
13
-
18
74HCT4852
RON(peak) ON resistance
(peak)
VI = VCC to GND; E = VIL
VCC = 4.5 V; ISW ≤ 2 mA
-
76
210
-
240
-
270
∆RON
ON resistance
mismatch
between
channels
VI = 0.5 × VCC; E = VIL
VCC = 4.5 V; ISW ≤ 2mA
-
2
8
-
12
-
16


Similar Part No. - 74HC4852

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74HC4852 ETC2-74HC4852 Datasheet
306Kb / 15P
   Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
Nexperia B.V. All right...
74HC4852 NEXPERIA-74HC4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HC4852BQ NEXPERIA-74HC4852BQ Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
74HC4852BQ-Q100 NEXPERIA-74HC4852BQ-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
More results

Similar Description - 74HC4852

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852-Q1 TI1-SN74HC4852-Q1 Datasheet
319Kb / 18P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852 TI-SN74HC4852_08 Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com