Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0808S250 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # ADC0808S250
Description  Single 8-bit ADC, up to 125 MHz or 250 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0808S250 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button ADC0808S250 Datasheet HTML 2Page - NXP Semiconductors ADC0808S250 Datasheet HTML 3Page - NXP Semiconductors ADC0808S250 Datasheet HTML 4Page - NXP Semiconductors ADC0808S250 Datasheet HTML 5Page - NXP Semiconductors ADC0808S250 Datasheet HTML 6Page - NXP Semiconductors ADC0808S250 Datasheet HTML 7Page - NXP Semiconductors ADC0808S250 Datasheet HTML 8Page - NXP Semiconductors ADC0808S250 Datasheet HTML 9Page - NXP Semiconductors ADC0808S250 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADC0808S125_ADC0808S250_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 7 October 2008
6 of 23
NXP Semiconductors
ADC0808S125/250
Single 8-bit ADC, up to 125 MHz or 250 MHz
7.2 Digital output coding
The digital outputs are 1.8 V CMOS compatible.
The data output format can be either binary or 2’s complement.
The in-range CMOS output pin IR will be HIGH during normal operation. When the ADC
input reaches either positive or negative full-scale, the IR output will be LOW.
Selection between output coding is controlled by pins OTC and CE_N.
[1]
X = don’t care.
Table 4.
Clock input format selection
Pin CLKSEL
Clock input signal
Pins CLK+ and CLK
HIGH or not connected
LVDS
LOW
1.8 V CMOS
Table 5.
Output coding with differential inputs
Vi(p-p) = 2.0 V; Vref(fs) = 1.25 V; typical values to AGND.
Code
Inputs (V)
Output
Outputs D7 to D0
Vi(IN)
Vi(INN)
Pin IR
Binary
2’s complement
Underflow
< 0.45
> 1.45
LOW
0000 0000
1000 0000
0
0.45
1.45
HIGH
0000 0000
1000 0000
1
-
-
HIGH
0000 0001
1000 0001
::
:
:
:
:
127
0.95
0.95
HIGH
0111 1111
1111 1111
::
:
:
:
:
254
-
-
HIGH
1111 1110
0111 1110
255
1.45
0.45
HIGH
1111 1111
0111 1111
Overflow
> 1.45
< 0.45
LOW
1111 1111
0111 1111
Table 6.
Output format selection
2’s complement outputs
Chip enable
Output data
Pin OTC
Pin CE_N
Pins D0 to D7, CCS and IR
LOW
LOW
active; binary
HIGH
LOW
active; 2’s complement
X [1]
HIGH
high-impedance


Similar Part No. - ADC0808S250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0808S250 PHILIPS-ADC0808S250 Datasheet
121Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S250 NXP-ADC0808S250 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
Integrated Device Techn...
ADC0808S250 IDT-ADC0808S250 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
ADC0808S250HW-C1 IDT-ADC0808S250HW-C1 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S250HW/C1 NXP-ADC0808S250HW/C1 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
More results

Similar Description - ADC0808S250

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC0808S125 IDT-ADC0808S125 Datasheet
511Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
logo
NXP Semiconductors
ADC0808S125 PHILIPS-ADC0808S125 Datasheet
121Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125_09 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
Renesas Technology Corp
ADC0808S RENESAS-ADC0808S Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com