Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA659IDRBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDRBR
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA659IDRBR Datasheet(HTML) 3 Page - Texas Instruments

  OPA659IDRBR Datasheet HTML 1Page - Texas Instruments OPA659IDRBR Datasheet HTML 2Page - Texas Instruments OPA659IDRBR Datasheet HTML 3Page - Texas Instruments OPA659IDRBR Datasheet HTML 4Page - Texas Instruments OPA659IDRBR Datasheet HTML 5Page - Texas Instruments OPA659IDRBR Datasheet HTML 6Page - Texas Instruments OPA659IDRBR Datasheet HTML 7Page - Texas Instruments OPA659IDRBR Datasheet HTML 8Page - Texas Instruments OPA659IDRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±6V
OPA659
www.ti.com........................................................................................................................................................................................... SBOS342 – DECEMBER 2008
At RF = 0Ω, G = +1V/V, and RL = 100Ω, TA = +25°C, unless otherwise noted.
OPA659
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
Small-Signal Bandwidth
VO = 200mVPP, G = +1V/V
650
MHz
C
VO = 200mVPP, G = +2V/V
335
MHz
C
VO = 200mVPP, G = +5V/V
75
MHz
C
VO = 200mVPP, G = +10V/V
35
MHz
C
Gain Bandwidth Product
G > +10V/V
350
MHz
C
Bandwidth for 0.1dB Flatness
G = +2V/V, VO = 2VPP
55
MHz
C
Large-Signal Bandwidth
VO = 2VPP, G = +1V/V
575
MHz
B
Slew Rate
VO = 4V Step, G = +1V/V
2550
V/
µs
B
Rise and Fall Time
VO = 4V Step, G = +1V/V
1.3
ns
C
Settling Time to 1%
VO = 4V Step, G = +1V/V
8
ns
C
Pulse Response Overshoot
VO = 4V Step, G = +1V/V
12
%
C
Harmonic Distortion
VO = 2VPP, G = +1V/V, f = 10MHz
2nd harmonic
–79
dBc
C
3rd harmonic
–100
dBc
C
VO= 2VPP Envelope (each tone 1VPP),
Intermodulation Distortion
G = +2V/V, f1 = 10MHz, f2 = 11MHz
2nd intermodulation
–72
dBc
C
3rd intermodulation
–96
dBc
C
Input Voltage Noise
f > 100kHz
8.9
nV/
√Hz
C
Input Current Noise
f < 10MHz
1.8
fA/
√Hz
C
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)
TA = +25°C, VCM = 0V, RL = 100Ω
52
58
dB
A
TA = –40°C to +85°C, VCM = 0V, RL = 100Ω
49
55
dB
B
Input Offset Voltage
TA = +25°C, VCM = 0V
±1
±5
mV
A
TA = –40°C to +85°C, VCM = 0V
±1.5
±7.6
mV
B
Average Offset Voltage Drift
TA = –40°C to +85°C, VCM = 0V
±10
±40
µV/°C
B
Input Bias Current
TA = +25°C, VCM = 0V
±10
±50
pA
A
TA = 0°C to +70°C, VCM = 0V
±240
±1200
pA
B
TA = –40°C to +85°C, VCM = 0V
±640
±3200
pA
B
TA = 0°C to +70°C, VCM = 0V
±5
±26
pA/°C
B
Average input bias current drift
TA = –40°C to +85°C, VCM = 0V
±7
±34
pA/°C
B
Input Offset Current
TA = +25°C, VCM = 0V
±5
±25
pA
A
TA = 0°C to +70°C, VCM = 0V
±120
±600
pA
B
TA = –40°C to +85°C, VCM = 0V
±320
±1600
pA
B
INPUT
Common-Mode Input Range
TA = +25°C
±3
±3.5
V
A
TA = –40°C to +85°C
±2.87
±3.37
V
B
Common-Mode Rejection Ratio
TA = +25°C, VCM = ±0.5V
68
70
dB
A
TA = –40°C to +85°C, VCM = ±0.5V
64
66
dB
B
Input Impedance
Differential
pF
C
1012
1
Common-mode
pF
C
1012
2.5
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA659


Similar Part No. - OPA659IDRBR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA659IDRBR NSC-OPA659IDRBR Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659IDRBR TI1-OPA659IDRBR Datasheet
1Mb / 35P
[Old version datasheet]   JFET-Input Operational Amplifier
More results

Similar Description - OPA659IDRBR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
[Old version datasheet]   OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com