Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA659IDRBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDRBT
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA659IDRBT Datasheet(HTML) 4 Page - Texas Instruments

  OPA659IDRBT Datasheet HTML 1Page - Texas Instruments OPA659IDRBT Datasheet HTML 2Page - Texas Instruments OPA659IDRBT Datasheet HTML 3Page - Texas Instruments OPA659IDRBT Datasheet HTML 4Page - Texas Instruments OPA659IDRBT Datasheet HTML 5Page - Texas Instruments OPA659IDRBT Datasheet HTML 6Page - Texas Instruments OPA659IDRBT Datasheet HTML 7Page - Texas Instruments OPA659IDRBT Datasheet HTML 8Page - Texas Instruments OPA659IDRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
OPA659
SBOS342 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±6V (continued)
At RF = 0Ω, G = +1V/V, and RL = 100Ω, TA = +25°C, unless otherwise noted.
OPA659
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
OUTPUT
Output Voltage Swing
TA = +25°C, No Load
±4.6
±4.8
V
A
TA = +25°C, RL = 100Ω
±3.8
±4.0
V
A
TA = –40°C to +85°C, No Load
±4.45
±4.65
V
B
TA = –40°C to +85°C, RL = 100Ω
±3.65
±3.85
V
B
Output Current, Sourcing, Sinking
TA = +25°C
±60
±70
mA
A
TA = –40°C to +85°C
±56
±65
mA
B
Closed-Loop Output Impedance
G = +1V/V, f = 100kHz
0.04
C
POWER SUPPLY
Operating Voltage
±3.5
±6
±6.5
V
B
Quiescent Current
TA = +25°C
30.5
32
33.5
mA
A
TA = –40°C to +85°C
28.3
35.7
mA
B
Power-Supply Rejection Ratio (PSRR)
TA = 25°C, VS = ±5.5V to ±6.5V
58
62
dB
A
TA = –40°C to 85°C, VS = ±5.5V to ±6.5V
56
60
dB
A
THERMAL CHARACTERISTICS
Specified Operating Range
–40
+85
°C
C
DRB and DRV Packages
Thermal Resistance,
θ
JA
Junction-to-ambient
DRB
VSON-8
55
°C/W
C
DRV
SOT23-5
105
°C/W
C
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA659


Similar Part No. - OPA659IDRBT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA659IDRBT NSC-OPA659IDRBT Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659IDRBT TI1-OPA659IDRBT Datasheet
1Mb / 35P
[Old version datasheet]   JFET-Input Operational Amplifier
More results

Similar Description - OPA659IDRBT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
[Old version datasheet]   OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com