Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5604BECLQ Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PPC5604BECLQ
Description  Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604BECLQ Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PPC5604BECLQ Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5604BECLQ Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5604BECLQ Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5604BECLQ Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5604BECLQ Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5604BECLQ Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5604BECLQ Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5604BECLQ Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5604BECLQ Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
Overview
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
Figure 1. MPC5606S Series Block Diagram
1.3.2
Block Summary
Table 2 summarizes the functions of all blocks present in the MPC5606S series microcontrollers. Please note that the presence
and number of blocks varies by device and package.
Six Gauge
Drivers
with
Stepper
Stall Detect
(SSD)
16 + 8 ch.
2 ×
DSPI
Test Controller
Nexus 2+
Nexus
SIU
Reset Control
Interrupt
External
IMUX
GPIO &
JTAG
Pad Control
JTAG Port
Nexus Port
e200z0h
External
Blocks
Controller
2 ×
FlexCAN
Peripheral Bridge
Peripheral
Interrupts from
Interrupt
Request
External
Interrupts
I/O
Instructions
Data
Voltage
Regulator
NMI
SWT
STM
NMI
SIU
. . .
. . .
. . .
. . .
(INTC)
4 × I2C
. . .
2 ×
LINFlex
2 x
eMIOS
16 ch.
ADC
Controller
FLASH
FLASH
Power
Control
Mode
Entry
Clock
Generation
Module
Reset
Generation
Module
Unit
Module
BAM
RTC/
SSCM
API
10-bit
. . .
DMA
DCU
RGB TFT
Output
Parallel
Data
(PDI)
Interface
IRC
IRC
XOSC
XOSC
XTAL/
EXTAL
XTAL32/
EXTAL32
16 MHz
128 kHz
4-16 MHz
32 kHz
4×PIT
LCD FP
and
BP signals
Sound
Generation
speaker/
buzzer
Data
and
Clock
QuadSPI
Controller
SRAM
SRAM
2 ×
FMPLL
Port
Controller
Video
Controller
SRAM
SRAM
40 × 4
LCD


Similar Part No. - PPC5604BECLQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PPC5604B1CLH4R NXP-PPC5604B1CLH4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
PPC5604B1CLH6R NXP-PPC5604B1CLH6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
PPC5604B1CLL4R NXP-PPC5604B1CLL4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
PPC5604B1CLL6R NXP-PPC5604B1CLL6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
PPC5604B1CLQ4R NXP-PPC5604B1CLQ4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
More results

Similar Description - PPC5604BECLQ

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com