Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5704CEVLQ Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PPC5704CEVLQ
Description  Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5704CEVLQ Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PPC5704CEVLQ Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5704CEVLQ Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5704CEVLQ Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5704CEVLQ Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5704CEVLQ Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5704CEVLQ Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5704CEVLQ Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5704CEVLQ Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC5704CEVLQ Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
8
Table 2. MPC5606S Series Block Summary
Block
Function
16-channel 2nd-generation Direct Memory
Access (eDMA)
Second-generation platform module capable of performing complex
data transfers with minimal intervention from a host processor via “n”
programmable channels
AHB crossbar switch “lite” (XBAR-Lite)
Internal busmaster
Analog-to-digital converter (ADC)
16-channel, 10-bit analog to digital converter
Boot assist module (BAM)
A block of read-only memory containing VLE code which is executed
according to the boot mode of the device
Clock generation module (CGM)
Provides logic and control required for the generation of system and
peripheral clocks
Clock monitor unit (CMU)
Monitors clock source (internal and external) integrity
Display control unit (DCU)
Generates all signals required to drive a TFT LCD display, allowing
blending of data of up to 16 layers; can also display digital
video/graphics in the background plane
Deserial serial peripheral interface (DSPI)
Provides a synchronous serial interface for communication with
external devices
QuadSPI (QSPI)
Provides a synchronous serial bus for communication with external
serial flash memory and is optionally configurable as a third DSPI
module
Enhanced modular input output system
(eMIOS)
Provides the functionality to generate or measure events
Flash memory
Provides non-volatile storage for program code, constants and
variables
FlexCAN (controller area network)
Supports the standard CAN communications protocol
FMPLL (frequency-modulated phase-locked
loop)
Two FMPLLs generate high-speed system clocks and support
programmable frequency modulation
Inter-integrated circuit (I2C™) bus
A two wire bidirectional serial bus that provides a simple and efficient
method of data exchange between devices
Interrupt controller (INTC)
Provides priority-based preemptive scheduling of interrupt requests
JTAG controller
Provides the means to test chip functionality and connectivity while
remaining transparent to system logic when not in test mode
LCD driver module
Provides 40 × 4 (frontplane drivers × backplane drivers) or 6 × 38
driver configuration for driving LCD segments
LINflex controller
Manages a high number of LIN (Local Interconnect Network protocol)
messages efficiently with a minimum of CPU load
Memory protection unit (MPU)
Provides hardware access control for all memory references
generated in a device
Error Correction Status Module (ECSM)
Provides miscellaneous control functions including program-visible
information about the platform configuration and revision levels, a
reset status register, wakeup control for exiting sleep modes, and
generic access error information for the processor core


Similar Part No. - PPC5704CEVLQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC5705BECLLR FREESCALE-PPC5705BECLLR Datasheet
1Mb / 92P
   Microcontroller
PPC5705BECLQR FREESCALE-PPC5705BECLQR Datasheet
1Mb / 92P
   Microcontroller
PPC5705BECLUR FREESCALE-PPC5705BECLUR Datasheet
1Mb / 92P
   Microcontroller
PPC5705BEMLLR FREESCALE-PPC5705BEMLLR Datasheet
1Mb / 92P
   Microcontroller
PPC5705BEMLQR FREESCALE-PPC5705BEMLQR Datasheet
1Mb / 92P
   Microcontroller
More results

Similar Description - PPC5704CEVLQ

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com