Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89V660_0811 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89V660_0811
Description  8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V660_0811 Datasheet(HTML) 3 Page - NXP Semiconductors

  P89V660_0811 Datasheet HTML 1Page - NXP Semiconductors P89V660_0811 Datasheet HTML 2Page - NXP Semiconductors P89V660_0811 Datasheet HTML 3Page - NXP Semiconductors P89V660_0811 Datasheet HTML 4Page - NXP Semiconductors P89V660_0811 Datasheet HTML 5Page - NXP Semiconductors P89V660_0811 Datasheet HTML 6Page - NXP Semiconductors P89V660_0811 Datasheet HTML 7Page - NXP Semiconductors P89V660_0811 Datasheet HTML 8Page - NXP Semiconductors P89V660_0811 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
P89V660_662_664_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 10 November 2008
3 of 89
NXP Semiconductors
P89V660/662/664
80C51 with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
3.1 Ordering options
4.
Block diagram
Table 2.
Ordering options
Type number
Flash memory
Temperature range
Frequency
P89V660FA
16 kB
−40 °Cto+85 °C
0 MHz to 40 MHz
P89V660FBC
16 kB
P89V662FA
32 kB
P89V662FBC
32 kB
P89V664FA
64 kB
P89V664FBC
64 kB
Fig 1.
Block diagram
HIGH PERFORMANCE 80C51 CPU
16 kB/32 kB/64 kB
CODE FLASH
0.5 kB/1 kB/ 2 kB
DATA RAM
PORT 2
PORT 1
PORT 0
OSCILLATOR
internal
bus
CRYSTAL
OR
RESONATOR
002aab908
UART
PCA
PROGRAMMABLE
COUNTER ARRAY
PORT 3
TIMER 2
TIMER 0
TIMER 1
SPI
XTAL1
XTAL2
PRIMARY I2C-BUS
WATCHDOG TIMER
SECONDARY I2C-BUS
PORT 4
P4[7:0]
P3[7:0]
P2[7:0]
P1[7:0]
P0[7:0]
TXD
RXD
T0
SPICLK
MOSI
MISO
SS
T1
T2
T2EX
SCL
SDA
SCL_1
SDA_1
CEX[4:0]
P89V660/662/664


Similar Part No. - P89V660_0811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
More results

Similar Description - P89V660_0811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com