Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC954FBD44 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P89LPC954FBD44
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC954FBD44 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P89LPC954FBD44 Datasheet HTML 7Page - NXP Semiconductors P89LPC954FBD44 Datasheet HTML 8Page - NXP Semiconductors P89LPC954FBD44 Datasheet HTML 9Page - NXP Semiconductors P89LPC954FBD44 Datasheet HTML 10Page - NXP Semiconductors P89LPC954FBD44 Datasheet HTML 11Page - NXP Semiconductors P89LPC954FBD44 Datasheet HTML 12Page - NXP Semiconductors P89LPC954FBD44 Datasheet HTML 13Page - NXP Semiconductors P89LPC954FBD44 Datasheet HTML 14Page - NXP Semiconductors P89LPC954FBD44 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
P89LPC952_954_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 July 2008
11 of 69
NXP Semiconductors
P89LPC952/954
8-bit microcontroller with 10-bit ADC
P1.5/RST
47
5
43
I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during power-on or maybe a
reset input/output if selected via UCFG1 and UCFG2. When
functioning as a reset input or input/output, a LOW on this
pin resets the microcontroller, causing I/O ports and
peripherals to take on their default states, and the processor
begins execution at address 0. When functioning as a reset
output or input/output an internal reset source will drive this
pin LOW. Also used during a power-on sequence to force
ISP mode. When using an oscillator frequency above
12 MHz, the reset input function of P1.5 must be
enabled. An external circuit is required to hold the
device in reset at power-up until VDD has reached its
specified level. When system power is removed VDD will
fall below the minimum specified operating voltage.
When using an oscillator frequency above 12 MHz, in
some applications, an external brownout detect circuit
may be required to hold the device in reset when VDD
falls below the minimum specified operating voltage.
P1.6
46
4
42
I/O
P1.6 — Port 1 bit 6.
P1.7/AD04
43
2
40
I/O
P1.7 — Port 1 bit 7.
I
AD04 — ADC0 channel 4 analog input.
P2.0 to P2.5
I/O
Port 2: Port 2 is an 8-bit I/O port with a user-configurable
output type. During reset Port 2 latches are configured in the
input only mode with the internal pull-up disabled. The
operation of Port 2 pins as inputs and outputs depends upon
the port configuration selected. Each port pin is configured
independently. Refer to Section 7.13.1 “Port configurations”
and Table 11 “Static characteristics” for details.
All pins have Schmitt triggered inputs.
Port 2 also provides various special functions as described
below:
P2.0/AD07
42
1
39
I/O
P2.0 — Port 2 bit 0.
I
AD07 — ADC0 channel 7 analog input.
P2.1/AD06
41
44
38
I/O
P2.1 — Port 2 bit 1.
I
AD06 — ADC0 channel 6 analog input.
P2.2/MOSI
30
34
28
I/O
P2.2 — Port 2 bit 2.
I/O
MOSI — SPI master out slave in. When configured as
master, this pin is output; when configured as slave, this pin
is input.
P2.3/MISO
29
33
27
I/O
P2.3 — Port 2 bit 3.
I/O
MISO — When configured as master, this pin is input, when
configured as slave, this pin is output.
P2.4/SS
28
32
26
I/O
P2.4 — Port 2 bit 4.
I/O
SS — SPI Slave select.
Table 3.
Pin description …continued
Symbol
Pin
Type Description
LQFP48
PLCC44
LQFP44


Similar Part No. - P89LPC954FBD44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC952 PHILIPS-P89LPC952 Datasheet
307Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-16 September 2005
P89LPC952FA PHILIPS-P89LPC952FA Datasheet
307Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-16 September 2005
P89LPC952FBD PHILIPS-P89LPC952FBD Datasheet
307Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-16 September 2005
More results

Similar Description - P89LPC954FBD44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC952 PHILIPS-P89LPC952 Datasheet
307Kb / 66P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 01-16 September 2005
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC92X1 NXP-P89LPC92X1 Datasheet
1Mb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC9331 NXP-P89LPC9331_11 Datasheet
650Kb / 94P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
Rev. 5-10 January 2011
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC9331 NXP-P89LPC9331 Datasheet
433Kb / 93P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 03-2 June 2009
P89LPC933 PHILIPS-P89LPC933 Datasheet
372Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
Rev. 06-20 June 2005
P89LPC9151 NXP-P89LPC9151 Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com