Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65EL11DGK Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EL11DGK
Description  5-V PECL/ECL 1:2 Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65EL11DGK Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65EL11DGK Datasheet HTML 3Page - Texas Instruments SN65EL11DGK Datasheet HTML 4Page - Texas Instruments SN65EL11DGK Datasheet HTML 5Page - Texas Instruments SN65EL11DGK Datasheet HTML 6Page - Texas Instruments SN65EL11DGK Datasheet HTML 7Page - Texas Instruments SN65EL11DGK Datasheet HTML 8Page - Texas Instruments SN65EL11DGK Datasheet HTML 9Page - Texas Instruments SN65EL11DGK Datasheet HTML 10Page - Texas Instruments SN65EL11DGK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN65EL11D
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN65EL11DGK
ACTIVE
MSOP
DGK
8
80
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN65EL11DGKR
ACTIVE
MSOP
DGK
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN65EL11DR
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
2-Jan-2009
Addendum-Page 1


Similar Part No. - SN65EL11DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
SN65EL16D TI1-SN65EL16D Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
SN65EL16DGK TI1-SN65EL16DGK Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
SN65EL16DGKR TI1-SN65EL16DGKR Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
SN65EL16DR TI1-SN65EL16DR Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
More results

Similar Description - SN65EL11DGK

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Texas Instruments
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com