Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65EPT22D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EPT22D
Description  3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65EPT22D Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65EPT22D Datasheet HTML 2Page - Texas Instruments SN65EPT22D Datasheet HTML 3Page - Texas Instruments SN65EPT22D Datasheet HTML 4Page - Texas Instruments SN65EPT22D Datasheet HTML 5Page - Texas Instruments SN65EPT22D Datasheet HTML 6Page - Texas Instruments SN65EPT22D Datasheet HTML 7Page - Texas Instruments SN65EPT22D Datasheet HTML 8Page - Texas Instruments SN65EPT22D Datasheet HTML 9Page - Texas Instruments SN65EPT22D Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN65EPT22DR
SOIC
D
8
2500
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
22-Dec-2008
Pack Materials-Page 2


Similar Part No. - SN65EPT22D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT22D TI-SN65EPT22D Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
SN65EPT22DGK TI-SN65EPT22DGK Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
SN65EPT22DGKR TI-SN65EPT22DGKR Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
SN65EPT22DR TI-SN65EPT22DR Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
More results

Similar Description - SN65EPT22D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT22 TI-SN65EPT22_10 Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Texas Instruments
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
[Old version datasheet]   3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com