Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65EPT22DGK Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EPT22DGK
Description  3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65EPT22DGK Datasheet(HTML) 2 Page - Texas Instruments

  SN65EPT22DGK Datasheet HTML 1Page - Texas Instruments SN65EPT22DGK Datasheet HTML 2Page - Texas Instruments SN65EPT22DGK Datasheet HTML 3Page - Texas Instruments SN65EPT22DGK Datasheet HTML 4Page - Texas Instruments SN65EPT22DGK Datasheet HTML 5Page - Texas Instruments SN65EPT22DGK Datasheet HTML 6Page - Texas Instruments SN65EPT22DGK Datasheet HTML 7Page - Texas Instruments SN65EPT22DGK Datasheet HTML 8Page - Texas Instruments SN65EPT22DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
POWER DISSIPATION RATINGS
THERMAL CHARACTERISTICS
KEY ATTRIBUTES
SN65EPT22
SLLS926 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PARAMETER
CONDITION
VALUE
UNIT
Absolute supply voltage, VCC
6
V
Absolute input voltage, VI
GND = 0 and VI
≤ VCC
0 to 6
V
Supply voltage LVPEL
3.3
V
Continuous
50
Output current
mA
Surge
100
Operating temperature range
–40 to 85
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
POWER RATING
THERMAL RESISTANCE,
DERATING FACTOR
POWER RATING
CIRCUIT BOARD
JUNCTION TO AMBIENT
PACKAGE
TA < 25°C
TA > 25°C
TA = 85°C
MODEL
NO AIRFLOW
(mW)
(mW/°C)
(mW)
SOIC
Low-K
719
139
7
288
High-K
840
119
8
336
SOIC-TSSOP
Low-K
469
213
5
188
High-K
527
189
5
211
PARAMETER
PACKAGE
VALUE
UNIT
θ
JB
Junction-to Board Thermal Resistance
SOIC
79
°C/W
SOIC-TSSOP
120
θ
JC
Junction-to Case Thermal Resistance
SOIC
98
°C/W
SOIC-TSSOP
74
CHARACTERISTICS
VALUE
Moisture sensitivity level
Lead free package
SOIC-8
Level 1
TSSOP-8
Level 3
Flammability rating (Oxygen Index: 28 to 34)
UL 94 V-0 at 0.125 in
ESD-HBM
4 kV
ESD-machine model
200 V
ESD-charge device model
2 kV
Meets or exceeds JEDEC Spec EIA/JESD78 latchup test
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65EPT22


Similar Part No. - SN65EPT22DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT22DGK TI-SN65EPT22DGK Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
SN65EPT22DGKR TI-SN65EPT22DGKR Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
More results

Similar Description - SN65EPT22DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT22 TI-SN65EPT22_10 Datasheet
385Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Buffer
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Texas Instruments
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
[Old version datasheet]   3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com