Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9981BHL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9981BHL
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9981BHL Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9981BHL Datasheet HTML 1Page - NXP Semiconductors TDA9981BHL Datasheet HTML 2Page - NXP Semiconductors TDA9981BHL Datasheet HTML 3Page - NXP Semiconductors TDA9981BHL Datasheet HTML 4Page - NXP Semiconductors TDA9981BHL Datasheet HTML 5Page - NXP Semiconductors TDA9981BHL Datasheet HTML 6Page - NXP Semiconductors TDA9981BHL Datasheet HTML 7Page - NXP Semiconductors TDA9981BHL Datasheet HTML 8Page - NXP Semiconductors TDA9981BHL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
TDA9981B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 4 July 2008
3 of 41
NXP Semiconductors
TDA9981B
150 MHz pixel rate HDMI transmitter
5.
Ordering information
5.1 Ordering options
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA9981BHL
LQFP80
plastic low profile quad flat package; 80 leads;
body 12
× 12 × 1.4 mm
SOT315-1
Table 3.
Survey of type numbers
Extended type number
Sampling frequency
(MHz)
Application
TDA9981BHL/8/C1xx
81
customer specific version
TDA9981BHL/15/C1xx
150
customer specific version


Similar Part No. - TDA9981BHL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW NXP-TDA9983AHW Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/15/C1xx NXP-TDA9983AHW/15/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/8/C1xx NXP-TDA9983AHW/8/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
More results

Similar Description - TDA9981BHL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
logo
NXP Semiconductors
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
logo
Fairchild Semiconductor
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com