Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDF8599 Datasheet HTML 1Page - NXP Semiconductors TDF8599 Datasheet HTML 2Page - NXP Semiconductors TDF8599 Datasheet HTML 3Page - NXP Semiconductors TDF8599 Datasheet HTML 4Page - NXP Semiconductors TDF8599 Datasheet HTML 5Page - NXP Semiconductors TDF8599 Datasheet HTML 6Page - NXP Semiconductors TDF8599 Datasheet HTML 7Page - NXP Semiconductors TDF8599 Datasheet HTML 8Page - NXP Semiconductors TDF8599 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
5 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
7.2 Pin description
Fig 3.
Heatsink down (top view) pin configuration TDF8599TD
TDF8599TD
IN1P
GNDD/HW
IN1N
VDDD
IN2P
VSTAB1
IN2N
OUT1N
ACGND
BOOT1N
EN
VP1
SEL_MUTE
PGND1
SVRR
BOOT1P
AGND
OUT1P
VDDA
OUT2P
001aai768
1
2
3
4
5
6
7
8
9
10
ADS
MOD
CLIP
DIAG
SDA
SCL
SSM
OSCSET
11
12
13
14
15
16
17
18
28
27
30
29
32
31
34
33
BOOT2P
PGND2
VP2
BOOT2N
OUT2N
VSTAB2
DCP
OSCIO
20
19
22
21
24
23
26
25
36
35
Table 3.
Pin description
Symbol
Pin
Type[1]
Description
IN1P
1
I
channel 1 positive audio input
IN1N
2
I
channel 1 negative audio input
IN2P
3
I
channel 2 positive audio input
IN2N
4
I
channel 2 negative audio input
ACGND
5
I
decoupling for input reference voltage
EN
6
I
enable input:
non-I2C-bus mode: switch between off and Mute mode
I2C-bus mode: off and Standby mode
SEL_MUTE
7
I
select mute or on (unmute)
SVRR
8
I
decoupling for internal half supply reference voltage
AGND
9
G
analog supply ground
VDDA
10
P
analog supply voltage
ADS
11
I
non-I2C-bus mode: connected to ground
I2C-bus mode: selection and address selection pin
MOD
12
I
modulation mode, phase shift and parallel mode select


Similar Part No. - TDF8599

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599ATH NXP-TDF8599ATH Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599B NXP-TDF8599B Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
More results

Similar Description - TDF8599

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
logo
Texas Instruments
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com