Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDF8599 Datasheet HTML 5Page - NXP Semiconductors TDF8599 Datasheet HTML 6Page - NXP Semiconductors TDF8599 Datasheet HTML 7Page - NXP Semiconductors TDF8599 Datasheet HTML 8Page - NXP Semiconductors TDF8599 Datasheet HTML 9Page - NXP Semiconductors TDF8599 Datasheet HTML 10Page - NXP Semiconductors TDF8599 Datasheet HTML 11Page - NXP Semiconductors TDF8599 Datasheet HTML 12Page - NXP Semiconductors TDF8599 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
9 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
The value of the resistor Rosc sets the carrier frequency based on the following formula:
(1)
In Master mode, Spread spectrum mode and frequency hopping can be enabled. In Slave
mode, phase staggering and phase lock operation can be selected. An external clock can
be used as the master-clock on pin OSCIO of the slave devices. When using an external
clock it must remain active during the shutdown sequence to ensure that all devices are
switched off and able to enter the off state as described in Section 8.2.
8.3.2 Spread spectrum mode (Master mode)
Spread spectrum mode is a technique of modulating the oscillator frequency with a slow
varying signal to broaden the switching spectrum, thereby reducing the spectral density of
the EMI. Connecting a capacitor (CSSM) to pin SSM enables Spread spectrum mode (see
Figure 7). When pin SSM is connected to pin AGND, Spread spectrum mode is disabled.
The capacitor on pin SSM (CSSM) sets the spreading frequency when Spread spectrum
mode is active. The current (ISSM) flowing in and out of pin SSM is typically 5 µA. This
gives a triangular voltage on pin SSM that sweeps around the voltage set by pin OSCSET
± 5 %. The voltage on pin SSM is used to modulate the oscillator frequency.
Fig 5.
Oscillator frequency as function of Rosc
Fig 6.
Master and slave configuration
f
osc
12.45
10
9
×
R
osc
---------------------------- Hz
[]
=
fosc (kHz)
300
500
450
350
400
001aai771
20
30
10
40
50
Rosc
(k
Ω)
0
001aai772
OSCSET
OSCIO
Master
Cosc
R
fosc
Rosc
TDF8599
OSCSET
OSCIO
Slave 1
TDF8599
OSCSET
OSCIO
Slave 2
TDF8599


Similar Part No. - TDF8599

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599ATH NXP-TDF8599ATH Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599B NXP-TDF8599B Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
More results

Similar Description - TDF8599

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
logo
Texas Instruments
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com