Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L52-CNZ Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS42L52-CNZ
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52-CNZ Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS42L52-CNZ Datasheet HTML 57Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 58Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 59Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 60Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 61Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 62Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 63Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 64Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
DS680F1
61
CS42L52
5/13/08
6.22.2
Beep Volume
Sets the volume of the beep signal.
Note:
This setting must not change when BEEP is enabled.
6.23
Beep & Tone Configuration (Address 1Eh)
6.23.1
Beep Configuration
Configures a beep mixed with the HP/Line and SPK output.
Notes:
1.
When used in analog pass-through mode, the output alternates between the signal from the PGA and
the beep signal. The beep signal does not mix with the analog signal from the PGA.
2.
Re-engaging the beep before it has completed its initial cycle will cause the beep signal to remain ON
for the maximum ONTIME duration.
6.23.2
Beep Mix Disable
Configures how the beep mixes with the serial data input.
Note:
This setting must not change when BEEP is enabled.
BEEPVOL[4:0]
Gain
00110
+6.0 dB
···
···
00000
-6 dB
11111
-8 dB
11110
-10 dB
···
···
00111
-56 dB
Step Size:
2 dB
Application:
“Beep Generator” on page 30
7
654
3
2
1
0
BEEP1
BEEP0
BEEPMIXDIS
TREBCF1
TREBCF0
BASSCF1
BASSCF0
TCEN
BEEP[1:0]
Beep Occurrence
00
Off
01
Single
10
Multiple
11
Continuous
Application:
“Beep Generator” on page 30
BEEPMIXDIS
Beep Output to HP/Line and Speaker
0
Mix Enabled; The beep signal mixes with the digital signal from the serial data input.
1
Mix Disabled; The output alternates between the signal from the serial data input and the beep signal. The
beep signal does not mix with the digital signal from the serial data input.
Application:
“Beep Generator” on page 30


Similar Part No. - CS42L52-CNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
More results

Similar Description - CS42L52-CNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Cirrus Logic
CS42L55 CIRRUS-CS42L55 Datasheet
1Mb / 73P
   Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com