Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L52-CNZ Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS42L52-CNZ
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52-CNZ Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS42L52-CNZ Datasheet HTML 67Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 68Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 69Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 70Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 71Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 72Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 73Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 74Page - Cirrus Logic CS42L52-CNZ Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
DS680F1
71
CS42L52
5/13/08
6.36.2
DSP Engine Overflow (Read Only)
Indicates the over-range status in the DSP data path.
6.36.3
PCMx Overflow (Read Only)
Indicates the over-range status in the PCM mix data path.
6.36.4
ADCx Overflow (Read Only)
Indicates the over-range status in the ADC signal path.
6.37
Battery Compensation (Address 2Fh)
6.37.1
Battery Compensation
Configures automatic adjustment of the speaker volume when VP deviates from VPREF[3:0].
6.37.2
VP Monitor
Configures the internal ADC that monitors the VP voltage level.
Notes:
1.
The internal ADC that monitors the VP supply is enabled automatically when BATTCMP is enabled,
regardless of the VPMONITOR setting. Conversely, when BATTCMP is disabled, the ADC may be
enabled by enabling VPMONITOR; this provides a convenient battery monitor without enabling
battery compensation.
2.
When enabled, VPMONITOR remains enabled regardless of the PDN bit setting.
DSPxOVFL
DSP Overflow Status:
0
No digital clipping has occurred in the data path after the DSP.
1
Digital clipping has occurred in the data path after the DSP.
Application:
“Analog Outputs” on page 29
PCMxOVFL
PCM Overflow Status:
0
No digital clipping has occurred in the data path of the PCM mix (“PCM Mixer Channel x Volume” on page 58)
of the DSP.
1
Digital clipping has occurred in the data path of the PCM mix of the DSP.
Application:
“Analog Outputs” on page 29
ADCxOVFL
ADC Overflow Status:
0
No clipping has occurred anywhere in the ADC signal path.
1
Clipping has occurred in the ADC signal path.
Application:
“Analog Inputs” on page 26
7
6
5
432
10
BATTCMP
VPMONITOR
Reserved
Reserved
VPREF3
VPREF2
VPREF1
VPREF0
BATTCMP
Automatic Battery Compensation
0
Disabled
1
Enabled
Application:
“Maintaining a Desired Output Level” on page 34
VPMONITOR
VP ADC Status
0
Disabled
1
Enabled


Similar Part No. - CS42L52-CNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
More results

Similar Description - CS42L52-CNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Cirrus Logic
CS42L55 CIRRUS-CS42L55 Datasheet
1Mb / 73P
   Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com