Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS230003-CZZ Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS230003-CZZ
Description  1x, 4x, 128x, and 256x Clock Multiplier with Internal LCO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS230003-CZZ Datasheet(HTML) 2 Page - Cirrus Logic

  CS230003-CZZ Datasheet HTML 1Page - Cirrus Logic CS230003-CZZ Datasheet HTML 2Page - Cirrus Logic CS230003-CZZ Datasheet HTML 3Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS2300-03
PS856A1
2
1. PIN DESCRIPTIONS
See the CS2300-OTP datasheet for additional pin de-
scription information.
2. SPECIFICATIONS
Please see the CS2300-OTP datasheet for package in-
formation, device characteristics, and specifications ex-
cept where noted due to specific programming options.
3. OPERATIONAL INFORMATION
Complete operational information can be found in the
CS2300-OTP datasheet. Specific operational details
dictated by the programming of the CS2300-03 are in-
cluded below.
The PLL clock output is forced to 0 when the PLL is
unlocked, both upon loss of the CLK_IN signal or
briefly when switching mode pin configurations.
The minimum loop filter bandwidth once locked is
128 Hz.
4. CONFIGURATION INFORMATION
The CS2300-03 has been factory pre-programmed with a unique configuration. The following table outlines the spe-
cific configuration profile which can be compared to the CS2300-OTP datasheet for detailed functional descriptions.
5. ORDERING INFORMATION
Pin Name
#
Pin Description
VD
1
Digital Power
GND
2
Ground
PLL_OUT
3
PLL Clock Output
AUX_OUT
4
AUX Output
CLK_IN
5
Clock Input
FILTP
FILTN
6
7
LCO Filter Connections
CLK/PLL
8
AUX Output Source Selection Input
M1
M0
9
10
Mode Selection Inputs
OTP Modal and Global Configuration Parameters Form
Mode 0
Mode 1
Mode 2
Mode 3
Ratio 0 (dec)
1
4
128
256
Ratio 0 (hex)
00:10:00:00
00:40:00:00
08:00:00:00
10:00:00:00
RModSel1
00
0
0
RModSel0
00
0
0
AuxOutSrc1
00
0
0
AuxOutSrc0
11
1
1
AutoRMod
00
0
0
Global Configuration Set
ClkSkipEn
AuxLockCfg
ClkOutUnl
LFRatioCfg
M2Cfg2
M2Cfg1
M2Cfg0
0
0
0
1
1
1
1
ClkIn_BW2
ClkIn_BW1
ClkIn_BW0
1
1
1
Product
Description
Package
Pb-Free
Grade
Temp Range Container
Order#
CS2300-03
Clocking Device
10L-MSOP
Yes
Commercial
-10° to +70°C
Rail
CS230003-CZZ
Tape and
Reel
CS230003-CZZR
CDK-2000
Evaluation Platform
-
Yes
-
-
-
CDK-2000-LCO


Similar Part No. - CS230003-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS230002-CZZ CIRRUS-CS230002-CZZ Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS230002-CZZR CIRRUS-CS230002-CZZR Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
More results

Similar Description - CS230003-CZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2300-CP CIRRUS-CS2300-CP_09 Datasheet
257Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP_09 Datasheet
211Kb / 26P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP CIRRUS-CS2300-CP Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
logo
Micrel Semiconductor
SY87721L MICREL-SY87721L_08 Datasheet
169Kb / 16P
   CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
   Clock Synchronizer and Multiplier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com