Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4334 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4334
Description  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4334 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4334_08 Datasheet HTML 5Page - Cirrus Logic CS4334_08 Datasheet HTML 6Page - Cirrus Logic CS4334_08 Datasheet HTML 7Page - Cirrus Logic CS4334_08 Datasheet HTML 8Page - Cirrus Logic CS4334_08 Datasheet HTML 9Page - Cirrus Logic CS4334_08 Datasheet HTML 10Page - Cirrus Logic CS4334_08 Datasheet HTML 11Page - Cirrus Logic CS4334_08 Datasheet HTML 12Page - Cirrus Logic CS4334_08 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS248F5
9
Confidential Draft
3/11/08
CS4334/5/8/9
DIGITAL INPUT CHARACTERISTICS
Notes:
8.
Iin for CS433X LRCK is ±20µA max.
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
Input Leakage Current
(Note 8)
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R
(k
Ω )
L
125
3
20
Figure 3. Maximum Loading
Figure 4. Power vs. Sample Rate
75
50
30
Sample Rate (kHz)
HR
M
70
65
60
55
40
50
60
70
80
90
100


Similar Part No. - CS4334_08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
More results

Similar Description - CS4334_08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com