Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4353-DNZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4353-DNZ
Description  3.3 V Stereo Audio DAC with 2 VRMS Line Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4353-DNZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS4353-DNZ Datasheet HTML 1Page - Cirrus Logic CS4353-DNZ Datasheet HTML 2Page - Cirrus Logic CS4353-DNZ Datasheet HTML 3Page - Cirrus Logic CS4353-DNZ Datasheet HTML 4Page - Cirrus Logic CS4353-DNZ Datasheet HTML 5Page - Cirrus Logic CS4353-DNZ Datasheet HTML 6Page - Cirrus Logic CS4353-DNZ Datasheet HTML 7Page - Cirrus Logic CS4353-DNZ Datasheet HTML 8Page - Cirrus Logic CS4353-DNZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
3.3 V Stereo Audio DAC with 2 VRMS Line Output
Features
Multi-bit Delta-Sigma Modulator
106 dB A-wt Dynamic Range
-93 dB THD+N
Single-ended Ground Centered Analog
Architecture
No DC-blocking Capacitors Required
Integrated Step-up/Inverting Charge Pump
Filtered Line-level Outputs
Selectable 1 or 2 VRMS Full-scale Output
Low Clock-jitter Sensitivity
Low-latency Digital Filtering
Supports Sample Rates up to 192 kHz
24-bit Resolution
+3.3 V Charge Pump and Core Logic, +3.3 V
Analog, and +0.9 to 3.3 V Interface Power
Supplies
Low Power Consumption
24-pin QFN, Lead-free Assembly
Description
The CS4353 is a complete stereo digital-to-analog sys-
tem including digital interpolation, fifth-order multi-bit
delta-sigma digital-to-analog conversion, digital de-em-
phasis, analog filtering, and on-chip 2 VRMS line-level
driver from a 3.3 V supply.
The advantages of this architecture include ideal differ-
ential linearity, no distortion mechanisms due to resistor
matching errors, no linearity drift over time and temper-
ature, high tolerance to clock jitter, and a minimal set of
external components.
The CS4353 is available in a 24-pin QFN package in
both Automotive (-40°C to +105°C) and Commercial
(-40°C to +85°C) grades. The CDB4353 Customer
Demonstration Board is also available for device evalu-
ation and implementation suggestions. Please see
“Ordering Information” on page 26 for complete details.
These features are ideal for cost-sensitive, 2-channel
audio systems including video game consoles, DVD
players and recorders, A/V receivers, set-top boxes,
digital TVs, mini-component systems, and mixing
consoles.
PCM Serial
Audio Port
Serial
Audio
Input
Multibit
∆Σ Modulator
Interpolation
Filters
Digital Core Logic and
Charge Pump Supply (VCP)
+3.3 V
Left Channel
Right Channel
Hardware
Control
Power-On
Reset
Hardware
Control
Reset
Auto Speed
Mode Detect
Analog Supply (VA)
+3.3 V
Inverting
Step-Up
+VA_H
-VA_H
Interface Supply (VL)
+0.9 V to +3.3 V
Ground-Centered,
2 Vrms Line Level Outputs
DAC
Pseudo Diff. Input
DEC '08
DS803PP1
CS4353


Similar Part No. - CS4353-DNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4353-CNZ CIRRUS-CS4353-CNZ Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353-CNZR CIRRUS-CS4353-CNZR Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
More results

Similar Description - CS4353-DNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4354 CIRRUS-CS4354 Datasheet
559Kb / 25P
   5 V Stereo DAC with 2 VRMS Ground-centered Output
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com