Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4382 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4382
Description  114 dB, 192 kHz 8-Channel D/A Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4382 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4382 Datasheet HTML 2Page - Cirrus Logic CS4382 Datasheet HTML 3Page - Cirrus Logic CS4382 Datasheet HTML 4Page - Cirrus Logic CS4382 Datasheet HTML 5Page - Cirrus Logic CS4382 Datasheet HTML 6Page - Cirrus Logic CS4382 Datasheet HTML 7Page - Cirrus Logic CS4382 Datasheet HTML 8Page - Cirrus Logic CS4382 Datasheet HTML 9Page - Cirrus Logic CS4382 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
DS514F2
CS4382
ANALOG CHARACTERISTICS
(Continued)
POWER AND THERMAL CHARACTERISTICS
Notes:
4.
VFS is tested under load RL and includes attenuation due to ZOUT
5.
Current consumption increases with increasing FS within a given speed mode and is signal dependant.
Max values are based on highest FS and highest MCLK.
6.
ILC measured with no external loading on the SDA pin.
7.
This specification is violated when the VLC supply is greater than VD and when pin 16 (M1/SDA) is tied
or pulled low. Logic tied to pin 16 needs to be able to sink this current.
8.
Power Down Mode is defined as RST pin = Low with all clock and data lines held static.
9.
Valid with the recommended capacitor values on FILT+ and VQ as shown in Figures 5 and 6.
Parameters
Symbol
Min
Typ
Max
Units
Analog Output - All PCM modes and DSD
Full Scale Differential Output Voltage
(Note 4)
VFS
86% VA
91% VA
96% VA
Vpp
Quiescent Voltage
VQ
-
50% VA
-VDC
Max Current from VQ
IQMAX
-1
-
μA
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Output Impedance
(Note 4)
ZOUT
-
100
-
Ω
AC-Load Resistance
RL
3-
-
k
Ω
Load Capacitance
CL
-
-
100
pF
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation, VA= 5 V
(Note 5)
VD= 5 V
VD= 3.3 V
Interface current, VLC=5 V (Notes 6, 7)
VLS=5 V
power-down state (all supplies) (Note 8)
IA
ID
ID
ILC
ILS
Ipd
-
-
-
-
-
-
60
45
30
2
84
200
66
70
46
-
-
-
mA
mA
mA
μA
μA
μA
Power Dissipation
(Note 5)
VA = 5 V, VD = 3.3 V
normal operation
power-down (Note 8)
VA = 5 V, VD = 5 V
normal operation
power-down (Note 8)
-
-
-
-
400
1
525
1
485
-
680
-
mW
mW
mW
mW
Package Thermal Resistance
multi-layer
dual-layer
θ
JA
θ
JA
θ
JC
-
-
-
48
65
15
-
-
-
°C/Watt
°C/Watt
°C/Watt
Power Supply Rejection Ratio (Note 9)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB


Similar Part No. - CS4382

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382-KQZ CIRRUS-CS4382-KQZ Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
1,023Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
More results

Similar Description - CS4382

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com