Electronic Components Datasheet Search |
|
CS5343 Datasheet(PDF) 5 Page - Cirrus Logic |
|
CS5343 Datasheet(HTML) 5 Page - Cirrus Logic |
5 / 22 page DS687F3 5 CS5343/4 Draft 4/2/08 2. CHARACTERISTICS AND SPECIFICATIONS RECOMMENDED OPERATING CONDITIONS GND = 0 V, all voltages with respect to GND. ABSOLUTE MAXIMUM RATINGS GND = 0 V, all voltages with respect to GND. (Note 1) Notes: 1. Operation beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes. 2. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause SCR latch-up. 3. The maximum over/under voltage is limited by the input current. Parameter Symbol Min Typ Max Unit Power Supplies VA 3.1 4.75 3.3 5.0 3.5 5.25 V V Ambient Operating Temperature Commercial (-CZZ) Automotive (-DZZ) TAC TAD -40 -40 - - 85 105 °C °C Parameter Symbol Min Max Unit DC Power Supplies VA -0.3 +6.0 V Input Current (Note 2) Iin -10 +10 mA Input Voltage (Note 3) VIN -0.7 VA+0.7 V Ambient Operating Temperature (Power Applied) TA -50 +115 °C Storage Temperature Tstg -65 +150 °C |
Similar Part No. - CS5343_08 |
|
Similar Description - CS5343_08 |