Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5346 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CDB5346
Description  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5346 Datasheet(HTML) 2 Page - Cirrus Logic

  CDB5346 Datasheet HTML 1Page - Cirrus Logic CDB5346 Datasheet HTML 2Page - Cirrus Logic CDB5346 Datasheet HTML 3Page - Cirrus Logic CDB5346 Datasheet HTML 4Page - Cirrus Logic CDB5346 Datasheet HTML 5Page - Cirrus Logic CDB5346 Datasheet HTML 6Page - Cirrus Logic CDB5346 Datasheet HTML 7Page - Cirrus Logic CDB5346 Datasheet HTML 8Page - Cirrus Logic CDB5346 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
DS861PP1
CS5346
TABLE OF CONTENTS
1. PIN DESCRIPTIONS - CS5346 ............................................................................................................. 5
2. PIN COMPATIBILITY - CS5345/CS5346 DIFFERENCES ..................................................................... 7
3. CHARACTERISTICS AND SPECIFICATIONS ...................................................................................... 8
RECOMMENDED OPERATING CONDITIONS ................................................................................... 8
ABSOLUTE MAXIMUM RATINGS .......................................................................................................8
ANALOG CHARACTERISTICS (COMMERCIAL) ................................................................................ 9
ANALOG CHARACTERISTICS (COMMERCIAL) CONT. .................................................................. 10
ANALOG CHARACTERISTICS (AUTOMOTIVE) ............................................................................... 11
ANALOG CHARACTERISTICS (AUTOMOTIVE) CONT. ................................................................... 12
DIGITAL FILTER CHARACTERISTICS .............................................................................................. 13
DC ELECTRICAL CHARACTERISTICS ............................................................................................. 14
DIGITAL INTERFACE CHARACTERISTICS ...................................................................................... 15
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT ............................................................. 16
SWITCHING CHARACTERISTICS - CONTROL PORT - I²C FORMAT ............................................ 18
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI FORMAT ........................................... 19
4. TYPICAL CONNECTION DIAGRAM ................................................................................................... 20
5. APPLICATIONS ................................................................................................................................... 21
5.1 Recommended Power-Up Sequence ............................................................................................. 21
5.2 System Clocking ............................................................................................................................. 21
5.2.1 Master Clock ......................................................................................................................... 21
5.2.2 Master Mode ......................................................................................................................... 22
5.2.3 Slave Mode ........................................................................................................................... 22
5.3 High-Pass Filter and DC Offset Calibration .................................................................................... 22
5.4 Analog Input Multiplexer, PGA, and Mic Gain ................................................................................23
5.5 Input Connections ........................................................................................................................... 23
5.5.1 Analog Input Configuration for 1 VRMS Input Levels ............................................................ 23
5.5.2 Analog Input Configuration for 2 VRMS Input Levels ............................................................ 24
5.6 PGA Auxiliary Analog Output ......................................................................................................... 25
5.7 Control Port Description and Timing ............................................................................................... 25
5.7.1 SPI Mode ............................................................................................................................... 25
5.7.2 I²C Mode ................................................................................................................................ 26
5.8 Interrupts and Overflow .................................................................................................................. 27
5.9 Reset .............................................................................................................................................. 28
5.10 Synchronization of Multiple Devices ............................................................................................. 28
5.11 Grounding and Power Supply Decoupling .................................................................................... 28
6. REGISTER QUICK REFERENCE ........................................................................................................ 29
7. REGISTER DESCRIPTION .................................................................................................................. 30
7.1 Chip ID - Register 01h .................................................................................................................... 30
7.2 Power Control - Address 02h ......................................................................................................... 30
7.2.1 Freeze (Bit 7) ......................................................................................................................... 30
7.2.2 Power-Down MIC (Bit 3) ........................................................................................................ 30
7.2.3 Power-Down ADC (Bit 2) ....................................................................................................... 30
7.2.4 Power-Down Device (Bit 0) ................................................................................................... 30
7.3 ADC Control - Address 04h ............................................................................................................ 31
7.3.1 Functional Mode (Bits 7:6) .................................................................................................... 31
7.3.2 Digital Interface Format (Bit 4) .............................................................................................. 31
7.3.3 Mute (Bit 2) ............................................................................................................................ 31
7.3.4 High-Pass Filter Freeze (Bit 1) .............................................................................................. 31
7.3.5 Master / Slave Mode (Bit 0) ................................................................................................... 31
7.4 MCLK Frequency - Address 05h .................................................................................................... 32
7.4.1 Master Clock Dividers (Bits 6:4) ............................................................................................ 32
7.5 PGAOut Control - Address 06h ...................................................................................................... 32


Similar Part No. - CDB5346

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5340 CIRRUS-CDB5340 Datasheet
600Kb / 14P
   The CDB5340 evaluation board is an excellent means for quickly evaluating the CS5340 24-bit, stereo A/D converter.
CDB5340 CIRRUS-CDB5340 Datasheet
430Kb / 22P
   101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CDB5340 CIRRUS-CDB5340 Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CDB5341 CIRRUS-CDB5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CDB5341 CIRRUS-CDB5341 Datasheet
403Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CDB5346

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5345 CIRRUS-CS5345 Datasheet
697Kb / 39P
   105 DB 24BIT 192 KHZ STEREO AUDIO ADC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com