Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3842A Datasheet(PDF) 11 Page - STMicroelectronics

Part # UC3842A
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3842A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UC3842A Datasheet HTML 7Page - STMicroelectronics UC3842A Datasheet HTML 8Page - STMicroelectronics UC3842A Datasheet HTML 9Page - STMicroelectronics UC3842A Datasheet HTML 10Page - STMicroelectronics UC3842A Datasheet HTML 11Page - STMicroelectronics UC3842A Datasheet HTML 12Page - STMicroelectronics UC3842A Datasheet HTML 13Page - STMicroelectronics UC3842A Datasheet HTML 14Page - STMicroelectronics UC3842A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
UC384XA - UC284XA
Figure 25. External Duty Cycle Clamp and Multi Unit Synchronization.
Figure 26. Soft-Start Circuit
D95IN353
+
-
+
RA
1
7
f =
R
BIAS
OSC
C
6
VREF
R
RB
+
-
+
-
EA
R
2R
R
S
Q
84
5
2
3
5K
5K
5K
NE555
8
4
2
1
5
TO ADDITIONAL
UCX84XAs
1.44
(RA + 2RB)C
Dmax =
RB
RA + 2RB
D95IN354
+
R
BIAS
OSC
C
R
+
-
+
-
EA
R
2R
R
S
Q
8
4
2
1
5
1mA
1V
+
-
5Vref
1M


Similar Part No. - UC3842A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842A MOTOROLA-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC3842A TI1-UC3842A Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Texas Instruments
UC3842A TI1-UC3842A Datasheet
1Mb / 45P
[Old version datasheet]   Current-Mode PWM Controller
logo
STMicroelectronics
UC3842A STMICROELECTRONICS-UC3842A Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3842A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com