Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA60 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA60
Description  H-Bridge Motor Driver/Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA60 Datasheet(HTML) 2 Page - Cirrus Logic

  SA60 Datasheet HTML 1Page - Cirrus Logic SA60 Datasheet HTML 2Page - Cirrus Logic SA60 Datasheet HTML 3Page - Cirrus Logic SA60 Datasheet HTML 4Page - Cirrus Logic SA60 Datasheet HTML 5Page - Cirrus Logic SA60 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SA60U
P r o d u c t I n n o v a t i o n F r o m
SA60
TheSA60isconstructedfromMOSFETtransistors.ESDhandlingproceduresmustbeobserved.
Theexposedsubstratecontainsberyllia(BeO).Donotcrush,machine,orsubjecttotemperatures
inexcessof850°Ctoavoidgeneratingtoxicfumes.
CAUTION
Parameter
TestConditions
Min
Typ
Max
Units
INPUT
ANALOGINPUTVOLTAGES
VCC=12V
A,BOUT=50%DutyCycle
1/2VCC
VDC
AOUT=100%DutyCycleHigh
1/3VCC
VDC
BOUT=100%DutyCycleHigh
2/3VCC
VDC
PWMINPUT
PWMPULSELOWVOLTAGE
0
0.8
VDC
PWMPULSEHIGHVOLTAGE
2.7
5.0
VDC
PWMFREQUENCY
45
250
KHz
DISABLEON
2.7
VCC
VDC
DISABLEOFF
0
0.8
VDC
OUTPUT
VDS(ON)VOLTAGE,eachMOSFET
IDS=10A
1.7
2.5
VDC
TOTALRON,bothMOSFETs
0.45
EFFICIENCY,10AOUTPUT
+VS=80A
91
%
CURRENT,continuous
10
A
CURRENT,peak
t=100msec
15
A
SWITCHINGFREQUENCY
CF=270pF
45
KHz
DEADTIME
90
nS
POWERSUPPLY
+VSVOLTAGE(Note4)
+VSCurrent=LoadCurrent
80
VDC
VCCVOLTAGE
9.5
12
15
VDC
VCCCURRENT
VCC=12VDC
28
36
mA
+VSCURRENT
Switching,noload,VS=50V
5
mA
Parameter
Symbol
Min
Max
Units
SUPPLYVOLTAGE,+VS(Note4)
80
V
OUTPUTCURRENT,peak
15
A
LOGICSUPPLYVOLTAGE,VCC
16
V
POWERDISSIPATION,internal(Note3)
156
W
TEMPERATURE,pinsolder,10smax.
260
°C
TEMPERATURE,junction(Note2)
150
°C
TEMPERATURERANGE,storage
−40
85
°C
OPERATINGTEMPERATURERANGE,case
−25
85
°C
.ChARACTERISTICSANDSPECIFICATIONS
ABSOLutE MAXIMuM RAtInGS
SPECIFICATIONS


Similar Part No. - SA60

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA60 PANJIT-SA60 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
List of Unclassifed Man...
SA60 ETC2-SA60 Datasheet
331Kb / 4P
   Transient Voltage Suppressor
logo
Pan Jit International I...
SA60 PANJIT-SA60 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
SA60 SY-SA60 Datasheet
660Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA60 WTE-SA60 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA60

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA60 APEX-SA60 Datasheet
209Kb / 4P
   H-BRIDGE MOTOR DRIVER/AMPLIFIERS
SA60 CIRRUS-SA60_10 Datasheet
605Kb / 6P
   H-Bridge Motor Driver/Amplifiers
SA50CE CIRRUS-SA50CE Datasheet
191Kb / 5P
   H-Bridge Motor Driver/Amplifiers
SA50 APEX-SA50 Datasheet
214Kb / 4P
   H-BRIDGE MOTOR DRIVER/AMPLIFIERS
SA60 CIRRUS-SA60_09 Datasheet
183Kb / 6P
   H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com