Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57A-FHZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # SA57A-FHZ
Description  Switching Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA57A-FHZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button SA57A-FHZ Datasheet HTML 4Page - Cirrus Logic SA57A-FHZ Datasheet HTML 5Page - Cirrus Logic SA57A-FHZ Datasheet HTML 6Page - Cirrus Logic SA57A-FHZ Datasheet HTML 7Page - Cirrus Logic SA57A-FHZ Datasheet HTML 8Page - Cirrus Logic SA57A-FHZ Datasheet HTML 9Page - Cirrus Logic SA57A-FHZ Datasheet HTML 10Page - Cirrus Logic SA57A-FHZ Datasheet HTML 11Page - Cirrus Logic SA57A-FHZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SA57
8
SA57U
P r o d u c t I n n o v a t i o n F r o m
2.SA57OPERATION
The SA57 is designed primarily to drive DC brush motors. However, it can be used for any application requiring two
high current outputs. The signal set of the SA57 is designed specifically to interface with a DSP or microcontroller. A
typical system block diagram is shown in the figure below. Over-temperature, Short-Circuit and Current Limit fault
signals provide important feedback to the system controller which can safely disable the output drivers in the pres-
ence of a fault condition. High side current monitors for both phases provide performance information which can
be used to regulate or limit torque.
FIgURE4.SYSTEmDIAgRAm
SA57 Switching Amplifier
DC BRUSH
MOTOR
Vs 1
PGND 1
Current
monitor
Signals
1
2
OUT 1
OUT 2
PGND 2
GND
Vs 2
Vs +
GND
SGND
Gate
Control
Control
Logic
Fault
Logic
TEM P
I
LIM/D IS 1
SC
I1
I2
V
DD
PWM
Signals
DIS2
SG ND
1t
1b
2t
2b
M icrocontroller
or DSC


Similar Part No. - SA57A-FHZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57000-25D PHILIPS-SA57000-25D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-25UK PHILIPS-SA57000-25UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28D PHILIPS-SA57000-28D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28UK PHILIPS-SA57000-28UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-29D PHILIPS-SA57000-29D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
More results

Similar Description - SA57A-FHZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA53 CIRRUS-SA53 Datasheet
757Kb / 14P
   Switching Amplifier
logo
Fairchild Semiconductor
BC557 FAIRCHILD-BC557 Datasheet
43Kb / 4P
   Switching and Amplifier
BC547CTA FAIRCHILD-BC547CTA Datasheet
151Kb / 6P
   Switching and Amplifier
logo
Analog Devices
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
   Audio Switching Amplifier
REV. 0
logo
Fairchild Semiconductor
BC556BTA FAIRCHILD-BC556BTA Datasheet
49Kb / 4P
   Switching and Amplifier
logo
Analog Devices
AD1990 AD-AD1990_15 Datasheet
405Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_15 Datasheet
1Mb / 24P
   Audio Switching Amplifier
REV. 0
logo
New Japan Radio
NJM2120 NJRC-NJM2120 Datasheet
301Kb / 10P
   SWITCHING OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
   Isolating switching amplifier
logo
Analog Devices
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com