Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57A-FHZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA57A-FHZ
Description  Switching Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA57A-FHZ Datasheet(HTML) 1 Page - Cirrus Logic

  SA57A-FHZ Datasheet HTML 1Page - Cirrus Logic SA57A-FHZ Datasheet HTML 2Page - Cirrus Logic SA57A-FHZ Datasheet HTML 3Page - Cirrus Logic SA57A-FHZ Datasheet HTML 4Page - Cirrus Logic SA57A-FHZ Datasheet HTML 5Page - Cirrus Logic SA57A-FHZ Datasheet HTML 6Page - Cirrus Logic SA57A-FHZ Datasheet HTML 7Page - Cirrus Logic SA57A-FHZ Datasheet HTML 8Page - Cirrus Logic SA57A-FHZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SA57
SA57U

P r o d u c t I n n o v a t i o n F r o m
DESCRIPTION
The SA57 is a fully integrated switching amplifier de-
signed primarily to drive DC brush motors. Two inde-
pendent half bridges provide over 15 amperes peak
output current under microcontroller or DSC control.
Thermal and short circuit monitoring is provided, which
generates fault signals for the microcontroller to take
appropriate action. A block diagram is provided in Fig-
ure 1.
Additionally, cycle-by-cycle current limit offers user
programmable hardware protection independent of the
microcontroller. Output current is measured using an
innovative low loss technique. The SA57 is built using
a multi-technology process allowing CMOS logic con-
trol and complementary DMOS output power devices
on the same IC. Use of P-channel high side FETs en-
ables 60V operation without bootstrap or charge pump
circuitry.
The Power Quad surface mount package balances ex-
cellent thermal performance with the advantages of a
low profile surface mount package.
FEATURES
♦ Low cost intelligent switching amplifier
♦ Directly connects to most embedded Micro-
controllers and Digital Signal Controllers
♦ Integrated gate driver logic with dead-time
generation and shoot-through prevention
♦ Wide power supply range (8.5V to 60V)
♦ Over 15A peak output current per phase
♦ 5A continuous output current per phase
8A continuous for A-Grade (SA57A)
♦ Independent current sensing for each output
♦ User programmable cycle-by-cycle current
limit protection
♦ Over-current and over-temperature warning
signals
APPLICATIONS
♦ Bidirectional DC brush motors
♦ 2 unidirectional DC brush motors
♦ 2 independent solenoid actuators
♦ Stepper motors
Switching Amplifier
SA57
P r o d u c t I n n o v a t i o n F r o m
FIgURE.BLOCKDIAgRAm
Copyright © Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
OCT2008
APEX − SA57UREVA
SA57 Switching Amplifier
Vs 1
PG ND 1
Gate
Control
PWM
Signals
O ut 1
O ut 2
PG ND 2
TEM P
GND
Vs 2
V
S +
I
LIM/D IS 1
SC
DIS2
SG ND
Phase 1
Phase 2
Control
Logic
V
DD
I1'
I2'
I1'
I2'
Fault
Logic
I1
I2
1t
1b
2t
2b
V
DD
V
DD


Similar Part No. - SA57A-FHZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57000-25D PHILIPS-SA57000-25D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-25UK PHILIPS-SA57000-25UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28D PHILIPS-SA57000-28D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-28UK PHILIPS-SA57000-28UK Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
SA57000-29D PHILIPS-SA57000-29D Datasheet
106Kb / 8P
   CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
2001 Aug 27
More results

Similar Description - SA57A-FHZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA53 CIRRUS-SA53 Datasheet
757Kb / 14P
   Switching Amplifier
logo
Fairchild Semiconductor
BC557 FAIRCHILD-BC557 Datasheet
43Kb / 4P
   Switching and Amplifier
BC547CTA FAIRCHILD-BC547CTA Datasheet
151Kb / 6P
   Switching and Amplifier
logo
Analog Devices
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
   Audio Switching Amplifier
REV. 0
logo
Fairchild Semiconductor
BC556BTA FAIRCHILD-BC556BTA Datasheet
49Kb / 4P
   Switching and Amplifier
logo
Analog Devices
AD1990 AD-AD1990_15 Datasheet
405Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_15 Datasheet
1Mb / 24P
   Audio Switching Amplifier
REV. 0
logo
New Japan Radio
NJM2120 NJRC-NJM2120 Datasheet
301Kb / 10P
   SWITCHING OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
   Isolating switching amplifier
logo
Analog Devices
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com