Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502ASV-15AC44 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF1502ASV-15AC44
Description  Highperformance EEPROM CPLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV-15AC44 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF1502ASV-15AC44 Datasheet HTML 4Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 5Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 6Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 7Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 8Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 9Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 10Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 11Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
1615J–PLD–01/06
ATF1502ASV
Atmel provides ISP hardware and software to allow programming of the ATF1502ASV via the
PC. ISP is performed by using either a download cable, a comparable board tester or a simple
microprocessor interface.
When using the ISP hardware or software to program the ATF1502ASV devices, four I/O pins
must be reserved for the JTAG interface. However, the logic features that the macrocells have
associated with these I/O pins are still available to the design for burned logic functions.
To facilitate ISP programming by the Automated Test Equipment (ATE) vendors. Serial Vector
Format (SVF) files can be created by Atmel-provided software utilities.
ATF1502ASV devices can also be programmed using standard third-party programmers. With a
third-party programmer, the JTAG ISP port can be disabled, thereby allowing four additional I/O
pins to be used for logic.
Contact your local Atmel representatives or Atmel PLD applications for details.
6.1
ISP Programming Protection
The ATF1502ASV has a special feature that locks the device and prevents the inputs and I/O
from driving if the programming process is interrupted for any reason. The inputs and I/O default
to high-Z state during such a condition. In addition, the pin-keeper option preserves the previous
state of the input and I/O PMS during programming.
All ATF1502ASV devices are initially shipped in the erased state, thereby making them ready to
use for ISP.
Note:
For more information refer to the “Designing for In-System Programmability with Atmel CPLDs”
application note.
7.
JTAG-BST/ISP Overview
The JTAG boundary-scan testing is controlled by the Test Access Port (TAP) controller in the
ATF1502ASV. The boundary-scan technique involves the inclusion of a shift-register stage
(contained in a boundary-scan cell) adjacent to each component so that signals at component
boundaries can be controlled and observed using scan testing methods. Each input pin and I/O
pin has its own boundary-scan cell (BSC) to support boundary-scan testing. The ATF1502ASV
does not include a Test Reset (TRST) input pin because the TAP controller is automatically
reset at power-up. The five JTAG modes supported include: SAMPLE/PRELOAD, EXTEST,
BYPASS, IDCODE and HIGHZ. The ATF1502ASV’s ISP can be fully described using JTAG’s
BSDL as described in IEEE Standard 1149.1b. This allows ATF1502ASV programming to be
described and implemented using any one of the third-party development tools supporting this
standard.
The ATF1502ASV has the option of using four JTAG-standard I/O pins for boundary-scan test-
ing (BST) and in-system programming (ISP) purposes. The ATF1502ASV is programmable
through the four JTAG pins using the IEEE standard JTAG programming protocol established by
IEEE Standard 1149.1 using 5V TTL-level programming signals from the ISP interface for in-
system programming. The JTAG feature is a programmable option. If JTAG (BST or ISP) is not
needed, then the four JTAG control pins are available as I/O pins.
7.1
JTAG Boundary-scan Cell (BSC) Testing
The ATF1502ASV contains up to 32 I/O pins and four input pins, depending on the device type
and package type selected. Each input pin and I/O pin has its own boundary-scan cell (BSC) in


Similar Part No. - ATF1502ASV-15AC44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV-15AC44 ATMEL-ATF1502ASV-15AC44 Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502ASV-15AC44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com