Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502ASV-15AC44 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATF1502ASV-15AC44
Description  Highperformance EEPROM CPLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV-15AC44 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATF1502ASV-15AC44 Datasheet HTML 12Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 13Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 14Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 15Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 16Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 17Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 18Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 19Page - ATMEL Corporation ATF1502ASV-15AC44 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
1615J–PLD–01/06
ATF1502ASV
14. Power-down Mode
The ATF1502ASV includes an optional pin-controlled power-down feature. When this mode is
enabled, the PD pin acts as the power-down pin. When the PD pin is high, the device supply cur-
rent is reduced to less than 3 mA. During power-down, all output data and internal logic states
are latched and held. Therefore, all registered and combinatorial output data remain valid. Any
outputs that were in a high-Z state at the onset will remain at high-Z. During power-down, all
input signals except the power-down pin are blocked. Input and I/O hold latches remain active to
ensure that pins do not float to indeterminate levels, further reducing system power. The power-
down pin feature is enabled in the logic design file. Designs using the power-down pin may not
use the PD pin logic array input. However, all other PD pin macrocell resources may still be
used, including the buried feedback and foldback product term array inputs.
Notes:
1. For slow slew outputs, add t
SSO.
2. Pin or product term.
Table 14-1.
Power-down AC Characteristics(1)(2)
Symbol
Parameter
-15
-20
Units
Min
Max
Min
Max
tIVDH
Valid I, I/O before PD High
15
20
ns
t
GVDH
Valid OE(2) before PD High
15
20
ns
tCVDH
Valid Clock(2) before PD High
15
20
ns
tDHIX
I, I/O Don’t Care after PD High
25
30
ns
t
DHGX
OE(2) Don’t Care after PD High
25
30
ns
tDHCX
Clock(2) Don’t Care after PD High
25
30
ns
tDLIV
PD Low to Valid I, I/O
1
1
µs
t
DLGV
PD Low to Valid OE(2)
11
µs
tDLCV
PD Low to Valid Clock(2)
11
µs
t
DLOV
PD Low to Valid Output
1
1
µs


Similar Part No. - ATF1502ASV-15AC44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV-15AC44 ATMEL-ATF1502ASV-15AC44 Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502ASV-15AC44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com