Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502ASV-15AI44 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF1502ASV-15AI44
Description  Highperformance EEPROM CPLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV-15AI44 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF1502ASV-15AI44 Datasheet HTML 5Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 6Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 7Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 8Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 9Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 10Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 11Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 12Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
1615J–PLD–01/06
ATF1502ASV
order to support boundary-scan testing as described in detail by IEEE Standard 1149.1. A typi-
cal BSC consists of three capture registers or scan registers and up to two update registers.
There are two types of BSCs, one for input or I/O pin, and one for the macrocells. The BSCs in
the device are chained together through the capture registers. Input to the capture register chain
is fed in from the TDI pin while the output is directed to the TDO pin. Capture registers are used
to capture active device data signals, to shift data in and out of the device and to load data into
the update registers. Control signals are generated internally by the JTAG TAP controller. The
BSC configuration for the input and I/O pins and macrocells is shown below.
7.2
BSC Configuration for Input and I/O Pins (Except JTAG TAP Pins)
Figure 7-1.
BSC Configuration for Input and I/O Pins (Except JTAG TAP Pins)
Note:
The ATF1502ASV has a pull-up option on TMS and TDI pins. This feature is selected as a design
option.
Dedicated
Input
To Internal
Logic
TDI
(From Next Register)
SHIFT
CLOCK
Capture
Registers
TDO


Similar Part No. - ATF1502ASV-15AI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV-15AI44 ATMEL-ATF1502ASV-15AI44 Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502ASV-15AI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com