Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502ASV-15AU44 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATF1502ASV-15AU44
Description  Highperformance EEPROM CPLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV-15AU44 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATF1502ASV-15AU44 Datasheet HTML 17Page - ATMEL Corporation ATF1502ASV-15AU44 Datasheet HTML 18Page - ATMEL Corporation ATF1502ASV-15AU44 Datasheet HTML 19Page - ATMEL Corporation ATF1502ASV-15AU44 Datasheet HTML 20Page - ATMEL Corporation ATF1502ASV-15AU44 Datasheet HTML 21Page - ATMEL Corporation ATF1502ASV-15AU44 Datasheet HTML 22Page - ATMEL Corporation ATF1502ASV-15AU44 Datasheet HTML 23Page - ATMEL Corporation ATF1502ASV-15AU44 Datasheet HTML 24Page - ATMEL Corporation ATF1502ASV-15AU44 Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
23
1615J–PLD–01/06
ATF1502ASV
17.2
44J – PLCC
Notes:
1. This package conforms to JEDEC reference MS-018, Variation AC.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
A
4.191
4.572
A1
2.286
3.048
A2
0.508
D
17.399
17.653
D1
16.510
16.662
Note 2
E
17.399
17.653
E1
16.510
16.662
Note 2
D2/E2
14.986
16.002
B
0.660
0.813
B1
0.330
0.533
e
1.270 TYP
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
45˚ MAX (3X)
A
A1
B1
D2/E2
B
e
E1
E
D1
D
44J, 44-lead, Plastic J-leaded Chip Carrier (PLCC)
B
44J
10/04/01
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.


Similar Part No. - ATF1502ASV-15AU44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV-15AC44 ATMEL-ATF1502ASV-15AC44 Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502ASV-15AI44 ATMEL-ATF1502ASV-15AI44 Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502ASV-15AU44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com