Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2726DH-T Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # ML2726DH-T
Description  2.4GHz Low-IF 2.0Mbps FSK Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML2726DH-T Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  ML2726DH-T Datasheet HTML 1Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 2Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 3Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 4Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 5Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 6Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 7Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 8Page - SIRENZA MICRODEVICES ML2726DH-T Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ML2726
PRELIMINARY DATASHEET
OCT 2007
EDS-105982 REV P01
4
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied.
VCCA, VDD................................................................................................................................................................. 5.5V
Junction Temperature .............................................................................................................................................. 150°C
Storage Temperature Range...................................................................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10s) ......................................................................................................................... 260°C
OPERATING CONDITIONS
Normal Temperature Range......................................................................................................................... -10°C to 60°C
VCCA Range...................................................................................................................................................2.7V to 4.5V
VDD Range .....................................................................................................................................................2.7V to 3.3V
Thermal Resistance (
θJA)....................................................................................................................................... 70°C/W
Unless otherwise specified, VCCA=VDD=3.3V, TA=25°C, fREF=12.288MHz, Data Rate=2.048Mbps, 22kHz Loop Filter
as shown in Figure 1.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER CONSUMPTION
VCCA
Analog supply (VCCA)
2.7
3.3
4.5
V
VDD
Digital Supply voltage
VDD pin (VCCA
≥ VDD always)
2.7
3.3
V
VBG
Bandgap Voltage
VBG pin 26, IO=0μA
1.23
V
ISTBY
Supply current, STANDBY mode
DC supply connected, XCEN low
10
120
μA
IRX
Supply current, RECEIVE mode
RX chain active, data being received
55
76
mA
ITX
Supply current, TRANSMIT mode
POUT=3dBm
50
76
mA
SYNTHESIZER
fC
Carrier frequency range
2.4
2.485
GHz
δf
Channel Spacing
3072
kHz
IP
Charge Pump sink/source current
+/-5.5
mA
ΦN
Phase noise at TXO
1.2MHz
3MHz
>7MHz
Closed loop, loop filter bandwidth
13KHz
-95
-115
-125
dBc/Hz
tFH
Lock time for channel switch
From EN asserted to RX valid
data(RX), or PAON high (TX)
1 Channel
5 Channels
Full Range
110
185
250
125
220
300
μs
μs
μs
tTX2RX
Lock time for TX/RX
RXON High to Valid RX data
70
120
μs
tRX2TX
Lock time for RX/TX
RXON Low to PAON high
63
75
μs
tWAKE
Lock up time from standby
XCEN high to Valid RX data, XCEN
240
325
μs


Similar Part No. - ML2726DH-T

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
96Kb / 2P
   900MHz DSSS RF to Digital Transceiver Chipset
ML2721 MICRO-LINEAR-ML2721 Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
ML2721-1 MICRO-LINEAR-ML2721-1 Datasheet
96Kb / 2P
   900MHz DSSS RF to Digital Transceiver Chipset
ML2721DH MICRO-LINEAR-ML2721DH Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

Similar Description - ML2726DH-T

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com